M2AS1-A333-R
AI

The **M2AS1-A333-R** is a specific model of an **M.2 SSD Carrier / Adapter Board**, typically associated with industrial computing or server hardware. It is designed to interface M.2 storage modules with a host system via specific connector pins.
---
### 1. General Specifications
This part functions as a bridge between the M.2 (NGFF) form factor and a proprietary or standard motherboard header.
| Component Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 (Next Generation Form Factor) |
| **Interface Type** | SATA or PCIe (model dependent) |
| **Connector Type** | M-Key or B+M Key |
| **Physical Dimensions** | Typically 22mm width (standard M.2) |
| **Mounting Type** | R/A (Right Angle) or Vertical depending on carrier |
---
### 2. Key Electronic Sections
The circuitry on this adapter board generally consists of the following functional blocks:
#### A. Power Management (LDO/Buck Converters)
M.2 drives usually require **3.3V**. If the host system provides 5V or 12V through the primary header, the M2AS1-A333-R includes:
* **Voltage Regulators:** To step down voltage to a stable 3.3V.
* **Decoupling Capacitors:** Small MLCCs (Multi-Layer Ceramic Capacitors) used to filter high-frequency noise and ensure signal integrity.
#### B. Signal Interface (High-Speed Differential Pairs)
The board traces are designed with **impedance control** (usually 85Ω or 100Ω) to handle high-speed data transfer:
* **SATA/PCIe Lanes:** Direct traces connecting the M.2 gold fingers to the host connector.
* **Clock Signals (REFCLK):** Crucial for NVMe/PCIe stability.
#### C. Protective Components
* **TVS Diodes:** Often placed near the connectors to protect the SSD from Electrostatic Discharge (ESD) during installation.
* **Resistor Straps:** Zero-ohm resistors or jumpers used to configure the board for different SSD lengths (e.g., 2242, 2260, 2280).
---
### 3. Pinout and Connectivity
While exact pinouts can vary by revision, the standard M.2 "M-Key" configuration used on these carriers generally includes:
| Pins | Function | Description |
| :--- | :--- | :--- |
| **1-11** | GND / 3.3V | Primary power rails and grounding. |
| **12-19** | NC / Config | Reserved for manufacturer configuration. |
| **39-49** | PCIe Lane 0 | First data transmit/receive pair. |
| **70-75** | 3.3V | Auxiliary power supply. |
---
### 4. Typical Usage Scenarios
* **Embedded Systems:** Used in compact PCs where a standard horizontal M.2 slot won't fit.
* **Storage Expansion:** Adding NVMe or SATA SSD capability to legacy industrial motherboards.
- ⤷
What is the maximum supported PCIe lane count for this specific adapter?
- ⤷ Does this model support both SATA and NVMe protocols simultaneously?
- ⤷ What are the specific physical dimensions (length/width) of the A333-R variant?