M2AS1-A341-R2
AI

The **M2AS1-A341-R2** is a specialized high-speed connector component, typically part of the **M2AS Series** manufactured by companies like **JAE (Japan Aviation Electronics)**. These connectors are primarily designed for high-speed differential signal transmissions, such as those found in automotive infotainment, ADAS (Advanced Driver Assistance Systems), and telecommunications hardware.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature related to its mechanical and electrical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Connector Type** | Board-to-Board / High-Speed | Designed for mezzanine or perpendicular PCB connections. |
| **Number of Pins** | Variable (Series dependent) | Specifically engineered for multi-lane data transfer. |
| **Signal Integrity** | 10+ Gbps | Capable of handling USB 3.0, PCIe, and SATA signaling speeds. |
| **Impedance** | 100 $\Omega$ (Differential) | Optimized for differential pair routing to minimize reflections. |
| **Mounting Style** | Surface Mount (SMT) | Designed for automated pick-and-place assembly. |
---
### 2. Functional Electronic Components
The "parts" or internal construction of this connector are engineered to maintain signal integrity in harsh environments:
1. **Contact Material:** Usually a copper alloy with gold plating over nickel. The gold plating prevents oxidation and ensures low contact resistance over thousands of mating cycles.
2. **Insulator/Housing:** High-temperature liquid crystal polymer (LCP). This allows the part to withstand the high heat of lead-free reflow soldering.
3. **Shielding Shell:** A metal outer casing (often stainless steel or brass) that provides EMI/EMC protection, preventing the high-speed signals from interfering with nearby wireless modules (GPS, LTE).
4. **Grounding Springs:** Integrated "fingers" that ensure a consistent ground path between the male and female connectors to reduce "crosstalk."
---
### 3. Application Use Cases
This specific series is often found in the following electronic architectures:
* **Automotive ECU:** Connecting the main processing board to the camera/sensor interface board.
* **Networking Gear:** Used in routers and switches for daughter-card connections.
* **Industrial Automation:** High-resolution display interfaces where signal noise must be strictly controlled.
---
### 4. Part Number Breakdown (General Pattern)
While manufacturer-specific, the suffix **-R2** typically denotes:
* **R:** Tape and Reel packaging (standard for SMT production lines).
* **2:** A specific revision or the quantity per reel (e.g., 2000 units).
- ⤷
What are the specific pinout diagrams for the M2AS1 series?
- ⤷ How does the M2AS1-A341-R2 compare to the A341-R1 version?
- ⤷ What is the rated operating temperature range for this connector?