M2AS1-A343-R/N
AI

The **M2AS1-A343-R/N** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**, often used in industrial automation for position sensing.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The device functions as a non-contact switch that changes state (Open or Closed) when it detects a magnetic field.
| Feature | Specification |
| :--- | :--- |
| **Type** | Magnetic Proximity / Reed Switch |
| **Output Type** | SPST (Single Pole Single Throw) |
| **Contact Form** | Normally Open (N.O.) or Normally Closed (N.C.) depending on suffix |
| **Actuation** | Magnetic Field (Permanent Magnet) |
| **Mounting** | Threaded Barrel (M12 or similar) |
---
### 2. Key Electronic Parts & Construction
The internal anatomy of this part consists of three primary elements:
1. **The Reed Capsule:** A hermetically sealed glass tube containing two ferromagnetic flexible metal contacts (reeds). These are often plated with rhodium or ruthenium to ensure high electrical durability.
2. **Protection Circuitry:** Many "-R" or "-N" variants include an internal resistor or a varistor to protect the delicate reed contacts from "arcing" during inductive load switching.
3. **Housing:** Usually a nickel-plated brass or stainless steel threaded body, which provides electromagnetic shielding and physical protection against harsh industrial environments.
---
### 3. Technical Specifications (Typical)
While exact specs can vary by the specific manufacturer (such as Misumi or CHR), these are the standard electrical parameters:
| Parameter | Value |
| :--- | :--- |
| **Max Switching Voltage** | 100V - 250V AC/DC |
| **Max Switching Current** | 0.5A - 1.0A |
| **Contact Resistance** | < 150 mΩ |
| **Operating Temperature** | -10°C to +70°C |
| **Response Time** | < 1.0 ms |
---
### 4. Part Number Breakdown
* **M2AS1:** Series designation (typically refers to a specific body style or magnetic sensitivity).
* **A343:** Specific configuration code (length of lead wire, thread pitch, or sensitivity range).
* **R/N:**
* **R:** Often indicates a specific **Reed** switch type or a specific **Resistor** inclusion.
* **N:** Typically denotes **NPN** output (if it's a Hall Effect sensor) or a **Normally Open** configuration.
---
### 5. Common Applications
* **Pneumatic Cylinders:** Detecting the end-of-stroke position of a piston.
* **Safety Interlocks:** Ensuring a machine guard is closed before operation.
* **Pulse Counting:** Measuring the RPM of a rotating shaft by sensing a magnet on the gear.
- ⤷
What is the wiring diagram for the 3-wire vs 2-wire versions of this sensor?
- ⤷ What is the maximum sensing distance for the M2AS1 series?
- ⤷ How do I choose between a Reed switch and a Hall Effect sensor for my application?