M2AS1-A343-R2
AI

The **M2AS1-A343-R2** is a specialized electronic component, typically identified as a **Micro-Switch** or a **Limit Switch** often used in automotive, industrial control, or appliance door mechanisms. It is designed to convert mechanical motion into an electrical signal.
---
### 1. Technical Specifications
The part number follows a specific nomenclature related to its mechanical and electrical properties:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Snap Action Micro Switch |
| **Actuator Style** | Often features a pin plunger or short lever (depending on sub-variant) |
| **Contact Configuration** | Single Pole Double Throw (SPDT) or SPST |
| **Current Rating** | Typically ranges from 0.1A (Signal) to 5A (Power) |
| **Voltage Rating** | Usually 125V AC / 250V AC or 12V-24V DC |
| **Termination** | Solder terminals or Quick-connect lugs |
---
### 2. Internal Electronic Construction
Internally, the M2AS1 series relies on a "snap-action" mechanism. This is critical for electronic reliability:
* **Over-center Mechanism:** A spring-loaded internal lever flips the contacts at a specific "trip point." This ensures that the transition between *ON* and *OFF* is nearly instantaneous, regardless of how slowly the external physical force is applied.
* **Contact Material:** Usually made of silver alloy (for power switching) or gold-plated (for low-current logic signals) to prevent oxidation.
* **Bouncing Control:** The "R2" revision often indicates a specific refinement in materials or mechanical tension to reduce "contact bounce," which is essential when the switch is connected to a microcontroller (like an Arduino or PLC).
---
### 3. Application Use Cases
This specific part is frequently found in the following electronic systems:
1. **Safety Interlocks:** Detecting if a panel or door is closed before allowing high-voltage components to energize.
2. **End-of-Travel Sensing:** In CNC machines or 3D printers, it acts as a "homing" sensor to tell the controller the motor has reached its limit.
3. **Pressure/Level Sensing:** Attached to a diaphragm to trigger an alarm when a certain pressure or fluid level is reached.
---
### 4. Wiring Diagram (SPDT Example)
When integrating this into a circuit, the terminals are usually labeled as follows:
```text
[ COM ] --- Common Terminal (Input)
|
/-----+-----\
[ NC ] [ NO ]
(Normally (Normally
Closed) Open)
```
* **NC (Normally Closed):** The circuit is complete until the switch is pressed.
* **NO (Normally Open):** The circuit completes only when the switch is physically actuated.
- ⤷
What is the exact maximum current rating for the M2AS1-A343-R2?
- ⤷ How does the 'R2' suffix change the specifications compared to the R1 version?
- ⤷ Is this switch rated for IP67 waterproof protection?