Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A343-R2SLASHQ

  • AI
    The model number **M2AS1-A343-R2/Q** refers to a high-performance **M.2 SSD (Solid State Drive)**, typically manufactured by **Union Memory** (a key OEM supplier for Lenovo and other major PC brands). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Interface** | NVMe PCIe Gen 4.0 x4 | | **Capacity** | 256GB / 512GB (Varies by sub-model) | | **NAND Type** | 3D TLC (Triple-Level Cell) | | **Protocol** | NVMe 1.4 | --- ## 2. Key Electronic Components The performance and reliability of the M2AS1-A343-R2/Q are determined by three primary electronic sections: ### A. The Controller The "brain" of the SSD. In this specific model series, Union Memory often uses controllers from **Silicon Motion (SMI)** or **Marvell**. * **Function:** Manages data placement, wear leveling, error correction (ECC), and the interface with the motherboard via PCIe lanes. ### B. NAND Flash Memory Chips These are the non-volatile storage components where your data is physically kept. * **Technology:** It utilizes **3D NAND**, where memory cells are stacked vertically to increase density and reduce power consumption. * **Type:** Usually **TLC**, balancing cost and endurance. ### C. Power Management Integrated Circuit (PMIC) Modern NVMe drives require precise voltage regulation. * **Function:** Converts the 3.3V supplied by the M.2 slot into the lower voltages required by the controller and NAND chips. * **Protection:** Includes thermal throttling mechanisms to slow down the drive if it exceeds safe operating temperatures. --- ## 3. Physical Layout & Pinout The device uses the **M-Key** edge connector, which is standard for PCIe x4 throughput. ```markdown Pin Side (Top View): [||||| ||||||||||||||||||||||||||||] ^ ^ (5 pins) (Standard 75-pin M.2 M-Key interface) ``` --- ## 4. Usage in Industry This part is predominantly found as a "Pull" or "OEM" part in **Lenovo ThinkPad** and **IdeaPad** laptops. Because it is an OEM part: * **Firmware:** Updates are usually handled through the laptop manufacturer's support site (e.g., Lenovo Vantage) rather than a generic retail tool. * **Reliability:** It is built to enterprise-grade thermal and vibration standards required by major PC vendors.
    ✨ Follow-up Questions
    • ⤷ How do I check for firmware updates for this specific SSD?
    • ⤷ Is this SSD backwards compatible with PCIe Gen 3 slots?
    • ⤷ What are the typical read/write speeds for the M2AS1 series?