Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A344-R/N

  • AI
    The **M2AS1-A344-R/N** is a specialized high-speed networking component, specifically an **M.2 to Dual SFP+ Adapter**. This module is designed to convert an M.2 (PCIe x4) slot into two 10Gbps SFP+ ports, typically used in industrial PCs, compact servers, and embedded networking appliances. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Controller** | Intel® 82599ES (or equivalent 10GbE Controller) | | **Interface** | M.2 B+M Key (PCIe v2.1 x4) | | **Output Ports** | 2 x SFP+ (Small Form-factor Pluggable) | | **Data Rate** | 10 Gbps per port (Total 20 Gbps) | | **Form Factor** | M.2 2280 | | **Operating Temp** | 0°C to 55°C (Standard) / -40°C to 85°C (Industrial) | --- ### 2. Major Electronic Subsystems The board is comprised of several critical electronic sections that manage data flow and power: #### A. The Ethernet Controller (The "Brain") At the heart of the module is the **Intel 82599ES** (or similar) network controller. - It handles the Medium Access Control (MAC) layer. - It manages the PCIe-to-Ethernet translation. - It supports virtualization features (VMDq, SR-IOV) and offloading (Checksum, TSO). #### B. SFP+ Interface and Cages The two metal cages are designed to hold SFP+ transceivers (Optical or Copper DAC). - **Signal Integrity:** Because 10Gbps is highly sensitive to noise, the traces between the controller and the cages are impedance-matched. - **Hot-Pluggable Support:** Integrated circuitry allows for the insertion and removal of modules without powering down the system. #### C. Power Management (VRM) M.2 slots typically provide 3.3V. However, the controller and SFP+ modules often require specific stable voltages. - **DC-DC Converters:** Step-down regulators convert the input power to lower voltages (e.g., 1.0V or 1.2V) for the controller core. - **Filtering:** High-quality capacitors are used to filter high-frequency noise that could interfere with data transmission. #### D. Clocking and Oscillators The board includes a high-precision **Crystal Oscillator**. This provides the fundamental frequency required to synchronize high-speed data packets, ensuring low jitter across the 10Gbps link. --- ### 3. Connection Pinout Logic The device utilizes the **M.2 Key M** or **B+M** interface. The primary pins used are: ```markdown - PCIe Lane 0-3 (Differential Pairs) - REFCLK+ / REFCLK- (Reference Clock) - PERST# (PCIe Reset) - 3.3V Power / GND - SMBus (For management/diagnostics) ``` --- ### 4. Application Use Cases * **Edge Computing:** Adding 10G fiber connectivity to small form factor (SFF) devices. * **Network Security:** Use in firewalls or VPN concentrators where high throughput is required in a small footprint. * **Storage:** Connecting NVMe-based compact servers to high-speed SANs.
    ✨ Follow-up Questions
    • ⤷ Does this module require a specific driver
    • ⤷ or is it plug-and-play with the Intel 82599 driver?
    • ⤷ What are the thermal requirements for operating two SFP+ modules on an M.2 card?
    • ⤷ Is this adapter compatible with PCIe Gen 3 or Gen 4 slots?