Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A412-R2/CE

  • AI
    The **M2AS1-A412-R2/CE** is a high-performance industrial AC Servo Motor manufactured by **Delta Electronics**, specifically belonging to the **ASDA-A2** series. These motors are designed for high-precision motion control applications. ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Motor Series** | ASDA-A2 Series | | **Rated Output Power** | 400 Watts (0.4 kW) | | **Rated Speed** | 3000 RPM | | **Max Speed** | 5000 RPM | | **Rated Torque** | 1.27 N-m | | **Peak Torque** | 3.82 N-m | | **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) | | **Protection Rating** | IP65 (Dust tight, water jet protection) | | **Certification** | CE, UL | --- ### 2. Breakdown of the Model Name (Part Number) Understanding the nomenclature helps identify the specific electronic characteristics: * **M:** Motor (Component type). * **2:** A2 Series (Advanced functionality series). * **AS:** Low Inertia (High responsiveness for fast starts/stops). * **1:** Input Voltage (220V AC). * **A4:** Power Rating (400W). * **12:** Frame Size / Dimensions. * **R2:** Shaft Type / Keyway configuration. --- ### 3. Key Electronic Features #### High-Resolution Encoder The motor is equipped with a **20-bit optical encoder**. This allows for extremely smooth rotation at low speeds and incredibly precise positioning, essential for CNC machinery and semiconductor manufacturing. #### Low Inertia Design The "AS" designation indicates a low inertia rotor. This means the motor can accelerate and decelerate much faster than medium or high inertia motors, making it ideal for high-cycle-rate applications like packaging or pick-and-place robots. #### Electromagnetic Integration The motor utilizes high-grade permanent magnets and high-density windings to ensure a high torque-to-size ratio, reducing the overall footprint of the machine. #### Connectivity and Protection * **Power Connectors:** Specialized circular connectors for industrial durability. * **Thermal Protection:** Integrated sensors to prevent winding burnout during overloads. * **IP65 Rating:** The housing is electronically sealed to prevent liquid coolants or dust from interfering with the internal stator and rotor. --- ### 4. Compatible Drive System To operate this motor, it must be paired with an AC Servo Drive, typically the **ASD-A2-0421-L/M/F/U/E** (400W driver). The drive handles the electronic commutation and PID loop control.
    ✨ Follow-up Questions
    • ⤷ What are the compatible cable types for the M2AS1-A412-R2/CE?
    • ⤷ Can this motor be used with the ASDA-B2 series drives?
    • ⤷ What is the specific shaft diameter and dimensions for the R2 variant?