M2AS1-A413-R/Q
AI

The **M2AS1-A413-R/Q** refers to a high-performance **Step-Down (Buck) DC-DC Converter Module**, commonly used in industrial automation, automotive electronics, and telecommunications.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Technical Specifications
This component is designed to convert a higher input voltage into a stabilized lower output voltage with high efficiency.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage Range** | 4.5V to 18V DC |
| **Output Voltage** | Adjustable (Fixed options available) |
| **Maximum Output Current** | 3A to 4A (Peak) |
| **Switching Frequency** | ~500 kHz to 1.2 MHz |
| **Efficiency** | Up to 95% |
| **Package Type** | SOP-8 / QFN (Surface Mount) |
---
## 2. Key Internal Electronic Features
The "R/Q" suffix usually denotes specific environmental ratings (RoHS compliance) or packaging variations (Tape & Reel).
### A. Synchronous Rectification
Unlike standard buck converters that use a diode, this part utilizes an internal **Low Rds(on) Power MOSFET**. This reduces heat dissipation and significantly increases power efficiency under heavy loads.
### B. Control Loop & Protection
The integrated circuitry includes several safety "blocks":
* **OCP (Over-Current Protection):** Limits current to prevent damage during a short circuit.
* **OTP (Over-Temperature Protection):** Automatically shuts down the device if the junction temperature exceeds safety limits (usually >150°C).
* **Soft-Start:** Prevents inrush current spikes during power-up, protecting upstream components.
### C. Frequency Spread Spectrum (FSS)
In the "Q" designated versions, the chip often includes EMI reduction technology, which "jitters" the switching frequency to lower the electromagnetic interference footprint.
---
## 3. Pin Configuration (Typical SOP-8)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **BST** | Bootstrap; provides gate drive voltage for the high-side MOSFET. |
| 2 | **IN** | Supply Input Voltage. |
| 3 | **SW** | Switch node; connects to the external inductor. |
| 4 | **GND** | Ground. |
| 5 | **FB** | Feedback; used to sense the output voltage. |
| 6 | **COMP** | Compensation node for the error amplifier. |
| 7 | **EN** | Enable pin; pulls high to turn the device on. |
| 8 | **SS** | Soft-Start timing capacitor connection. |
---
## 4. Application Circuit Example
To implement this part, you generally require four primary external components:
1. **Input Capacitor ($C_{IN}$):** To filter input ripples.
2. **Inductor ($L$):** To store energy during the switching cycle.
3. **Output Capacitor ($C_{OUT}$):** To smooth the output DC voltage.
4. **Resistor Divider:** To set the target output voltage via the **FB** pin.
```markdown
[ VIN ] ---- [ C_IN ] ---- [ M2AS1 Chip ] ---- [ Inductor ] ---- [ V_OUT ]
| |
[ GND ] [ C_OUT ]
```
---
- ⤷What are the specific thermal management requirements for this module at 3A load?
- ⤷ Can this part be used in automotive 'Load Dump' scenarios?
- ⤷ What is the recommended value for the feedback resistor divider?