M2AS1-A423-R
AI

The **M2AS1-A423-R** is a specific automotive-grade relay, typically manufactured by suppliers like **ZETTLER** or similar high-reliability electronic component manufacturers. It is designed for switching high-current DC loads in vehicular environments.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Automotive Relay |
| **Contact Form** | SPST (1 Form A) - Normally Open |
| **Coil Voltage** | 12V DC (Standard automotive) |
| **Switching Capacity** | 30A to 40A (Load dependent) |
| **Contact Material** | Silver Tin Oxide ($AgSnO_2$) |
| **Mounting Type** | PCB Mount (Through-hole) |
| **Enclosure** | Sealed / Dust-proof |
---
## 2. Key Features and Construction
### Internal Components
1. **Coil:** A copper wire winding that creates an electromagnetic field when 12V is applied.
2. **Armature:** The moving mechanical piece that responds to the magnetic field.
3. **Contacts ($AgSnO_2$):** Uses Silver Tin Oxide, which is the industry standard for automotive applications because it resists "welding" (sticking) during high-current inrush.
4. **Resistor/Diode (Optional):** Many versions of the "R" suffix include an internal suppression resistor or diode to protect the vehicle's ECU from voltage spikes when the coil is de-energized.
### Environmental Durability
* **Vibration Resistance:** Designed to withstand engine bay vibrations.
* **Temperature Range:** Operates typically between $-40^\circ C$ and $+125^\circ C$.
---
## 3. Typical Applications
This relay is commonly used for switching high-draw peripherals in a 12V system:
* **Fuel Pumps:** Managing the high current required for fuel delivery.
* **Cooling Fans:** Switching radiator or condenser fans.
* **Lighting:** Controlling HID or LED light bars.
* **Power Windows/Locks:** Acting as the high-current interface for actuator motors.
---
## 4. Pin Configuration (Bottom View)
Most relays in this series follow a standard PCB footprint:
```text
Pin 1 & 2: Coil Terminals (12V Trigger)
Pin 3: Common Contact (Input)
Pin 5: Normally Open Contact (Output to Load)
```
---
- ⤷What is the power consumption of the coil for the M2AS1-A423-R?
- ⤷ Can this relay be used in 24V commercial vehicle systems?
- ⤷ What is the difference between the 'R' suffix and standard versions?