M2AS1-A423-R2
AI

The **M2AS1-A423-R2** is a specialized electronic component, typically identified as a **Magnetic Proximity Sensor** or a **Reed Switch Assembly**. These components are widely used in industrial automation, security systems, and position sensing.
---
### Technical Specifications and Overview
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Reed Sensor / Proximity Switch |
| **Contact Form** | Form A (Normally Open - NO) |
| **Housing Material** | Typically Plastic or Non-corrosive Metal (model dependent) |
| **Mounting Type** | Threaded Barrel or Flange Mount |
| **Termination** | Wire Leads or Connectorized |
### Electronic Principles of Operation
1. **Reed Switch Mechanism**: The core of the device consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. In the presence of a magnetic field (from a permanent magnet or electromagnet), the blades become polarized and pull together, closing the circuit.
2. **Contact Rating**: As an "A423" variant, it typically handles low-to-medium power signal switching. It is designed for logic-level interfacing rather than driving high-current motors directly.
3. **Hysteresis**: The device exhibits a physical "differential" where the distance required to activate the switch is shorter than the distance required to release it. This prevents "chattering" or rapid flickering of the signal.
---
### Key Electronic Components within the Assembly
* **Rhodium/Ruthenium Plated Contacts**: To ensure long life and prevent oxidation, the internal contacts are often plated with precious metals.
* **Encapsulation (Potting)**: The internal reed switch is encased in an epoxy resin. This protects the glass envelope from mechanical shock, vibration, and moisture.
* **Protection Circuitry (Internal/External)**: Depending on the specific application, these sensors are often paired with:
* **Flyback Diodes**: To protect the switch from inductive spikes when switching relays.
* **Series Resistors**: To limit inrush current from capacitive loads.
### Common Applications
* **Door/Gate Sensing**: Detecting if a safety guard is open or closed.
* **Piston Position**: Detecting the end-of-stroke in pneumatic cylinders.
* **Limit Switching**: Providing a digital signal when a mechanical arm reaches a specific coordinate.
---
- ⤷What is the maximum switching voltage and current for the M2AS1 series?
- ⤷ How does the sensing distance vary based on the magnet type used?
- ⤷ What are the wiring color codes for the M2AS1-A423-R2?