M2AS1-A424-R/CE
AI

The **M2AS1-A424-R/CE** is a specific model of an **Industrial Limit Switch** (often categorized under Position Switches), typically manufactured by brands like **Pizzato Elettrica** or similar industrial automation firms. These components are designed to convert mechanical motion into an electrical control signal.
---
## 1. Technical Specifications Breakdown
The alphanumeric code describes the specific electronic and physical configuration of the part:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Contact Block** | 1NO + 1NC | One Normally Open and One Normally Closed contact. |
| **Contact Type** | Snap Action | Fast switching regardless of the actuator speed. |
| **Housing Material** | Metal/Technopolymer | High impact resistance for industrial environments. |
| **Actuator Type** | Roller Lever | A rotating wheel on a lever, used for cam-track sensing. |
| **Protection Class** | IP67 | Fully protected against dust and temporary immersion in water. |
| **Connector/Entry** | M12 / PG13.5 | Standardized electrical connection point. |
---
## 2. Electronic Contact Configuration
The internal electronics of this switch are designed for safety and logic control. Most variants follow this logic:
### Contact Diagram
```text
Snap Action (1NO + 1NC)
(13) NO o---/ ---o (14)
(21) NC o---\ ---o (22)
```
### Electrical Ratings
* **Rated Insulation Voltage ($U_i$):** 500V (or 250V depending on the specific series).
* **Thermal Current ($I_{th}$):** Typically 10A.
* **Utilization Category:** Usually AC15 (Control of electromagnetic loads) and DC13 (Control of solenoids).
---
## 3. Key Electronic Features
### Snap Action Mechanism
Unlike "Slow Action" switches, the **Snap Action** mechanism in this part ensures that the contacts transition at a constant speed, even if the physical plunger is moving very slowly. This prevents "arcing" (electrical sparks) and ensures a crisp signal for the PLC (Programmable Logic Controller).
### Positive Opening ($\Theta$)
The "CE" or safety markings usually indicate that the NC (Normally Closed) contact is a **Positive Opening** type. This means that even if the internal spring fails or the contacts weld, the mechanical force of the actuator is guaranteed to push the contacts apart for safety.
### Reliability Data
* **Mechanical Life:** Up to 20 million operations.
* **B10d Value:** Often rated at 40 million cycles (used for calculating Functional Safety / SIL levels).
---
## 4. Common Applications
* **Conveyor Systems:** Detecting the presence of a box or pallet.
* **Safety Gates:** Ensuring a machine guard is closed before the motor starts.
* **CNC Machinery:** Identifying the "Home" position of a moving axis.
- ⤷
What is the difference between Snap Action and Slow Action in this model?
- ⤷ How do I wire this switch to a 24V PLC input?
- ⤷ What is the specific mounting hole pattern for the M2 series?