M2AS1-A432-R
AI

The **M2AS1-A432-R** is a specific technical part number, typically associated with high-performance electronic interconnects or modules, often used in telecommunications, server infrastructure, or power distribution systems.
Based on the nomenclature, this part belongs to the category of **High-Speed Mezzanine Connectors** or **Signal Interface Modules**.
---
### 1. Technical Specifications
The following table outlines the typical electronic characteristics for this series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-density Mezzanine Connector / Board-to-Board |
| **Pin Configuration** | Multi-row, high-pin count (often 400+ positions) |
| **Data Rate** | Supports up to 28 Gbps or 56 Gbps (PAM4) |
| **Pitch** | Ultra-fine pitch (typically 0.5mm to 1.27mm) |
| **Mounting Style** | Surface Mount (SMT) or Press-fit |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric string follows a standard industrial labeling logic:
* **M2A:** Series identifier (High-speed, dual-row or array mezzanine).
* **S1:** Socket/Plug designation (S usually indicates a Socket or Female connector).
* **A432:** Configuration code (Indicates 432 contact points or a specific stack height/grid layout).
* **R:** Packaging/Compliance (Usually stands for **Reel** packaging or **RoHS** compliance).
---
### 3. Key Electronic Functions
The M2AS1-A432-R serves several critical roles in a circuit:
1. **Signal Integrity (SI):** Engineered to minimize crosstalk and insertion loss at microwave frequencies, ensuring clean data transmission between PCBs.
2. **Impedance Matching:** Typically designed for 100-ohm differential impedance to match standard high-speed protocols (PCIe Gen 4/5, Ethernet).
3. **Thermal Management:** The high-density layout allows for airflow between stacked boards, preventing localized hotspots in server blades.
---
### 4. Common Applications
* **Data Centers:** Connecting CPU daughterboards to motherboards.
* **Networking:** High-end switches and routers.
* **Medical Imaging:** High-bandwidth data transfer from sensors to processing units.
* **Industrial Automation:** Modular PLC (Programmable Logic Controller) expansion.
- ⤷
What is the exact stack height for the M2AS1-A432-R?
- ⤷ Does this connector support PCIe Gen 5 protocols?
- ⤷ What are the soldering requirements for the SMT version of this part?