Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-A433-R

  • AI
    The **M2AS1-A433-R** is an industrial-grade, miniature electromagnetic power relay. It is commonly used in automation, telecommunications, and consumer electronics due to its compact size and high switching capacity. --- ### 1. Key Technical Specifications The model number provides specific details about the component's architecture: | Feature | Specification | | :--- | :--- | | **Contact Form** | SPDT (1 Form C) | | **Coil Voltage** | 3V to 24V DC (Model dependent, typically 3V for the "AS1" series) | | **Switching Current** | 1A to 2A (Max) | | **Switching Voltage** | 120V AC / 24V DC | | **Coil Power** | Approximately 150mW - 200mW | | **Termination Style** | PCB Through-hole | | **Contact Material** | Gold-clad silver alloy | --- ### 2. Electronic Construction The relay consists of four primary internal electronic/mechanical sections: #### A. The Coil (Actuator) The "heart" of the relay. When current flows through the copper windings, it creates a magnetic field. This part is designed for low power consumption, making it compatible with direct transistor or logic gate driving. #### B. The Armature A moving metal piece that responds to the magnetic field. In the M2AS1 series, the armature is lightweight to allow for high-speed switching (typically <5ms). #### C. Contacts (The Switch) * **Gold-Clad Pins:** The contacts are often plated with gold. This prevents oxidation and ensures low contact resistance, which is vital for switching low-level signals (dry circuits). * **Form C:** This means it has a "Changeover" contact (one Common, one Normally Open, and one Normally Closed). #### D. Protection & Housing The **-R** suffix often indicates compliance with environmental standards (like RoHS) or specific sealing. The housing is typically a PBT plastic that is "wash-tight," meaning it can survive wave soldering and board washing processes. --- ### 3. Common Circuit Application In most electronic designs, the M2AS1-A433-R is used as an interface between a low-power microcontroller (MCU) and a higher-power load. ```cpp // Example: Logic for triggering the relay via an MCU void triggerRelay() { digitalWrite(RELAY_PIN, HIGH); // Activates the transistor driving the M2AS1 coil } ``` **Note:** Always use a **Flyback Diode** (e.g., 1N4148) in parallel with the relay coil to protect your driving electronics from voltage spikes when the coil is de-energized. ---
    ✨ Follow-up Questions
    • ⤷What is the exact coil voltage rating for the A433 variant?
    • ⤷ Can this relay be used for switching mains 230V AC loads?
    • ⤷ What are the footprint dimensions for PCB layout?