M2AS1-A433-R/N
AI

Based on the part number **M2AS1-A433-R/N**, this component belongs to the **M2AS1 series** of industrial-grade RF (Radio Frequency) modules, typically used in wireless data transmission and remote control applications.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The M2AS1 series is a high-performance **FSK (Frequency Shift Keying) Transceiver Module**. It is designed for low-power consumption and long-range reliability in the Sub-GHz frequency bands.
### Key Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 433 MHz (ISM Band) |
| **Modulation Type** | FSK / GFSK / OOK |
| **Operating Voltage** | 1.8V to 3.6V DC |
| **Output Power** | Up to +20 dBm (Adjustable) |
| **Sensitivity** | -121 dBm @ 1.2kbps |
| **Data Rate** | 0.123 to 256 kbps |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Antenna Impedance** | 50 Ohms |
---
## 2. Part Number Breakdown
The suffixing and prefixing indicate specific hardware configurations:
* **M2AS1**: The base series model (often based on Silicon Labs or Semtech chipsets).
* **A433**: Denotes the center frequency (433.92 MHz).
* **R/N**:
* **R**: Usually stands for "Reel" (packaging) or "Receiver" capability.
* **N**: Often indicates a specific revision or "No Shield" version depending on the manufacturer's internal coding.
---
## 3. Core Electronic Features
### Power Management
The module is designed for battery-operated devices. It features several power-saving modes:
* **Standby Mode:** Minimal current draw while maintaining register settings.
* **Sleep Mode:** Deep sleep for maximum longevity in IoT sensors.
* **Fast Wake-up:** Ability to transition from sleep to transmit mode in microseconds.
### Communication Interface
It utilizes a standard **4-wire SPI interface** for communication with a Microcontroller (MCU).
```cpp
// Example SPI initialization concept for M2AS1 (Pseudo-code)
void setup_M2AS1() {
SPI.begin();
SPI.setClockDivider(SPI_CLOCK_DIV8);
digitalWrite(CS_PIN, HIGH);
// Write to Register 0x06 to set 433MHz frequency
writeRegister(0x06, 0x6C);
}
```
---
## 4. Common Applications
* **Smart Metering:** Remote reading of water, gas, and electricity meters.
* **Home Automation:** Wireless security systems, lighting control, and garage door openers.
* **Industrial Monitoring:** Long-range sensor networks and telemetry.
* **Agricultural Tech:** Soil moisture sensors and automated irrigation control.
- ⤷
What are the pinout configurations for the M2AS1-A433-R/N module?
- ⤷ How does the 433MHz frequency range compare to 868MHz in terms of wall penetration?
- ⤷ Which microcontrollers are most compatible with this module's SPI interface?