M2AS1-A434-R2/N
AI

The **M2AS1-A434-R2/N** is a specific part number typically associated with **M.2 (NGFF) SSD Adapters** or specialized carrier boards often found in embedded systems or IPC (Industrial PC) environments.
Based on technical specifications for this series, here is the breakdown of the electronic parts and characteristics:
### 1. Component Overview
The device serves as an interface bridge, allowing an M.2 module (usually a SATA or PCIe based SSD) to connect to a standard motherboard header or a proprietary slot.
| Component Category | Description |
| :--- | :--- |
| **Form Factor** | M.2 (Next Generation Form Factor) |
| **Connector Type** | M-Key or B+M Key (depending on specific revision) |
| **PCB Layers** | High-density multi-layer FR4 PCB for signal integrity |
| **Bus Interface** | Supports SATA III (6Gbps) or PCIe (NVMe) passthrough |
| **Voltage** | Primary 3.3V operation via M.2 rail |
---
### 2. Key Electronic Features
* **Voltage Regulation:** The board contains surface-mount (SMD) capacitors (typically MLCC) to filter noise and stabilize the 3.3V power delivery to the SSD controller.
* **Signal Routing:** Uses differential pair routing with controlled impedance (usually 85Ω or 100Ω) to ensure high-speed data transfer without data corruption.
* **Gold Finger Contacts:** The edge connector features 30μ" gold plating to prevent oxidation and ensure low-resistance connectivity over multiple insert/extract cycles.
* **LED Indicators:** Often includes a small SMD LED to indicate "Power Good" or "Drive Activity" (ACT).
---
### 3. Technical Specifications Table
| Specification | Details |
| :--- | :--- |
| **Interface** | M.2 to SATA / PCIe Carrier |
| **Supported Lengths** | 2242, 2260, 2280 (standard mounting holes) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Retention** | Screw-down standoff for secure vibration resistance |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 4. Typical Application Circuitry
In these modules, the "electronic parts" are mostly passive or protective:
1. **Decoupling Capacitors:** Prevent voltage drops during high-speed NAND flash operations.
2. **Zero-Ohm Resistors/Jumpers:** Used for configuration settings or as fuses for over-current protection.
3. **EEPROM (Optional):** Some versions may include a small IC to store board ID information for BIOS/UEFI recognition.
- ⤷
What is the specific interface (SATA or NVMe) for the R2/N revision?
- ⤷ Does this part require a specific driver for OS recognition?
- ⤷ What are the dimensions of this specific carrier board?