Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AVS-1112-R2SLASHN

  • AI
    The part number **M2AVS-1112-R2** generally refers to a specialized **M.2 to Analog Video/Audio Adapter** or a specific high-speed interface module often used in embedded computing or industrial imaging systems. Below is a breakdown of the electronic components and specifications typically associated with this hardware class. --- ## 1. Core Technical Specifications This device acts as a bridge between an M.2 (PCIe/USB based) slot and legacy or specialized analog signals. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (typically Type 2242 or 2280) | | **Interface** | PCIe x1 or USB 2.0/3.0 (Internal Bus) | | **Inputs** | NTSC / PAL / SECAM (Analog Composite) | | **Resolution** | Standard Definition (D1 / 960H) | | **Audio Support** | Stereo Line-In / Mono Microphone | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Components The board consists of several critical integrated circuits (ICs) that handle the signal conversion: ### A. Video Decoder (A/D Converter) The heart of the module is an Analog-to-Digital converter. It takes the incoming analog waveform (CVBS) and converts it into a digital YUV or RGB stream. * **Function:** Comb filtering, synchronization extraction, and color decoding. ### B. Bridge Controller Since M.2 slots communicate via PCIe or USB, a bridge chip is used to translate the digital video data into a protocol the CPU can understand. * **PCIe Bridge:** Provides low-latency data transfer directly to the system memory. ### C. Power Management (PMIC) The M.2 slot provides 3.3V. The board contains regulators (LDOs or Buck converters) to step this down to 1.8V or 1.2V for the internal logic of the decoder chips. ### D. Input Protection To prevent damage from static or ground loops, the "R2" revision usually includes: * **TVS Diodes:** For ESD protection on the input pins. * **Coupling Capacitors:** To remove DC bias from the analog signals. --- ## 3. Connector Pinout (Typical) While the M.2 side follows standard M-Key or B+M Key pinouts, the "AVS" side (Analog Video Signal) uses a micro-header: 1. **Video In (Channel 1-n)** 2. **Audio In (Left/Right)** 3. **Ground (Shielding)** 4. **Control (I2C/GPIO)** (Used for triggering recording or controlling external cameras). --- ## 4. Common Applications * **Mobile Surveillance:** Retrofitting older analog cameras into modern NVRs (Network Video Recorders). * **Medical Imaging:** Capturing output from older ultrasound or endoscopy machines. * **Industrial Inspection:** Interfacing with legacy analog microscopes.
    ✨ Follow-up Questions
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ What is the difference between the R1 and R2 hardware revisions?
    • ⤷ Can this module handle more than one analog video channel simultaneously?