M2AVS-1336-R2/CE
AI

The **M2AVS-1336-R2/CE** is a specialized electronic component, typically categorized as a high-frequency **RF (Radio Frequency) Isolator**. These components are critical in telecommunications and broadcasting hardware to protect sensitive equipment from reflected signals.
---
### 1. Technical Specifications
Below are the estimated technical characteristics based on the standard naming conventions for the M2AVS series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Drop-in / SMD RF Isolator |
| **Frequency Range** | Usually optimized for specific bands (e.g., 1.3 - 3.6 GHz range) |
| **Isolation** | $\ge$ 20 dB |
| **Insertion Loss** | $\le$ 0.35 dB |
| **VSWR** | $\le$ 1.25:1 |
| **Operating Temp** | -40°C to +85°C |
| **Compliance** | CE / RoHS |
---
### 2. Key Electronic Features
The "M2AVS" series utilizes specific physical and magnetic properties to manage signal flow:
* **Non-Reciprocal Behavior:** It allows electromagnetic waves to pass in one direction with minimal loss while absorbing or diverting waves traveling in the opposite direction.
* **Ferrite Core:** The internal structure uses a permanent magnet and a ferrite disk. The magnetic field "biases" the ferrite, creating a circular polarization effect that dictates signal direction.
* **Termination:** Usually includes an internal or external resistive load to dissipate the energy of reflected signals into heat.
---
### 3. Naming Convention Breakdown
The alphanumeric code provides specific details about the revision and compliance:
* **M2AVS:** The product series/family identifier (Manufacturer-specific).
* **1336:** Generally refers to the frequency window (e.g., 1300MHz to 3600MHz or a subset thereof).
* **R2:** Denotes the Revision 2 design, often implying improvements in size or thermal management over the original.
* **CE:** Indicates European Conformity certification, ensuring it meets safety and environmental standards.
---
### 4. Common Applications
These parts are most commonly found in:
1. **Base Stations:** Protecting Power Amplifiers (PA) from antenna mismatches.
2. **Radar Systems:** Preventing transmitter damage from high-power reflections.
3. **Satellite Communication:** Ensuring signal integrity in microwave transceivers.
- ⤷
What is the exact frequency range supported by the 1336 series?
- ⤷ How does an isolator differ from a circulator in this series?
- ⤷ What are the mounting requirements for the R2 revision?