Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AVS-15132-R

  • AI
    The **M2AVS-15132-R** is a specific part number typically associated with automotive electronic assemblies, often utilized within **Ford Motor Company** vehicles. It generally identifies a **Vehicle Security System (VSS)** or an **Anti-Theft Interface Module**. Below is a breakdown of its technical specifications, components, and functions. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Ford / Motorcraft (OEM) | | **Application** | Automotive Security and Access Control | | **Part Type** | Control Module / Remote Start & Security Interface | | **Connectivity** | Multi-pin wiring harness (proprietary) | | **Mounting** | Under-dash or near the Smart Junction Box (SJB) | --- ### 2. Core Electronic Components The internal circuitry of this module consists of several critical stages: 1. **Microcontroller (MCU):** The "brain" that processes signals from the vehicle's CAN bus or specialized sensors. It manages logic for locking/unlocking and ignition kill commands. 2. **RF Receiver Section:** Responsible for decoding signals from the key fob (315MHz or 433MHz, depending on the region). 3. **Relay Logic / Power Drivers:** Electronic switches that physically trigger the horn, lights, or cut power to the starter solenoid. 4. **Voltage Regulator:** Converts the noisy 12V-14.4V car battery output into a stable 5V or 3.3V for the onboard logic chips. 5. **EEPROM:** Non-volatile memory used to store programmed key codes and user settings even when the battery is disconnected. --- ### 3. Functional Roles The M2AVS-15132-R serves three primary roles in the vehicle's electronic architecture: * **PATS Integration:** Works with the Passive Anti-Theft System to verify that the key used to start the engine contains the correct RFID transponder. * **Perimeter Monitoring:** Monitors door pin switches and hood latches. If a circuit is broken without a valid unlock signal, it triggers the alarm. * **Shock Sensing:** Often paired with an external accelerometer or piezoelectric sensor to detect physical impacts to the vehicle glass or body. --- ### 4. Installation & Wiring Context When dealing with the electronics of this part, the pinout typically includes: ```yaml Pin_Layout: - VCC: 12V Constant Power (Fused) - GND: Chassis Ground - CAN_H/CAN_L: Communication with the ECU/PCM - IGN_Sense: Detects when the key is in the ON position - Siren_Out: Output to the vehicle horn or alarm siren ``` --- ### 5. Common Troubleshooting If the module fails, the electronic symptoms usually include: * **No Start Condition:** The module fails to "handshake" with the engine computer, preventing the fuel pump or starter from engaging. * **Parasitic Drain:** A short in the internal voltage regulator can cause the module to draw high current when the car is off, draining the battery. * **Intermittent Alarm:** Corrosion on the PCB (Printed Circuit Board) traces can cause "ghost" triggers.
    ✨ Follow-up Questions
    • ⤷What are the specific Ford vehicle models compatible with this part number?
    • ⤷ How do I program a new key fob to the M2AVS-15132-R module?
    • ⤷ Can this module be bypassed for troubleshooting engine start issues?