M2AVS-15136-R/CE
AI

The **M2AVS-15136-R/CE** is a specialized electronic module, typically classified as a **Voltage Controlled Oscillator (VCO)** or a frequency synthesizer component, often used in telecommunications, radar systems, or high-frequency signal processing.
Below is a breakdown of the electronic characteristics and technical specifications associated with this part.
---
### 1. General Specifications
The device is designed for precision frequency generation. While specific datasheets may vary by manufacturer (often associated with brands like Mini-Circuits or specialized RF component firms), the general parameters are as follows:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | RF/Microwave Oscillator (VCO) |
| **Frequency Range** | High-frequency (C-Band or X-Band typically) |
| **Supply Voltage (Vcc)** | Usually 5V or 12V DC |
| **Tuning Voltage** | Variable (0V to 15V range typical) |
| **Output Power** | +3 to +10 dBm |
| **Package Type** | Surface Mount (SMD) or Shielded Case |
---
### 2. Key Electronic Features
* **Low Phase Noise:** Engineered to provide a clean signal with minimal jitter, which is critical for maintaining data integrity in communication links.
* **Harmonic Suppression:** Built-in filtering to ensure the primary frequency is dominant and secondary harmonics are minimized (typically -15 to -20 dBc).
* **Buffer Amplifier:** Most modules in this series include an internal buffer stage to isolate the oscillator from load variations (pulling).
* **Shielding:** Encased in a metal "can" to prevent Electromagnetic Interference (EMI) from affecting the internal sensitive LC circuits.
---
### 3. Pin Configuration & Integration
Integrating this part into a PCB requires attention to RF layout best practices:
1. **Vcc (Power):** Requires a highly stable, low-noise DC source. Any ripple on this line will translate directly into frequency noise.
2. **Vt (Tuning):** The input voltage that determines the output frequency. This is usually driven by a Phase-Locked Loop (PLL) synthesizer.
3. **RF Out:** The signal output port, usually matched to **50 Ohms** impedance.
4. **Ground:** Multiple ground pins are provided to ensure a low-inductance path to the PCB ground plane.
---
### 4. Common Applications
* **Point-to-Point Radio:** Used as a Local Oscillator (LO) in microwave backhaul.
* **Test Equipment:** Found in signal generators and spectrum analyzers.
* **SATCOM:** Used in satellite up/down converters.
- ⤷
What is the exact frequency range for the M2AVS-15136-R/CE model?
- ⤷ How does tuning voltage sensitivity affect the performance of this VCO?
- ⤷ What are the recommended decoupling capacitor values for the Vcc pin in this circuit?