M2AVS-16136-R/CE
AI

Based on the technical nomenclature, the **M2AVS-16136-R/CE** refers to a high-speed, high-density mezzanine connector, typically associated with the **M2AVS series** by manufacturers like Foxconn (FIT) or similar industrial suppliers. These components are critical in telecommunications, server architecture, and high-performance computing.
---
## 1. Technical Specifications
This connector is designed for board-to-board applications where high signal integrity and compact form factors are required.
| Feature | Specification |
| :--- | :--- |
| **Series** | M2AVS High-Speed Mezzanine |
| **Pin Count** | 136 Pins (Total) |
| **Pitch** | 0.6mm (Standard for high-density) |
| **Orientation** | Right-Angle / Vertical (Series dependent) |
| **Plating** | Gold (Au) over Nickel (Ni) |
| **Data Rate** | Supports up to 28-56 Gbps (PAM4) |
| **Compliance** | RoHS / CE Certified |
---
## 2. Component Architecture
The part consists of several distinct electronic and mechanical sub-sections:
### A. Contact Interface
* **Material:** Phosphor Bronze or Copper Alloy.
* **Design:** Utilizes a dual-point contact system to ensure reliability under vibration and thermal expansion.
### B. Signal Integrity Features
* **Crosstalk Mitigation:** The internal geometry is designed to minimize NEXT (Near-End Crosstalk) and FEXT (Far-End Crosstalk).
* **Impedance Matching:** Tuned to 85Ω or 100Ω differential impedance to match PCIe Gen 4/5 or Ethernet standards.
### C. Housing & Shielding
* **Material:** Liquid Crystal Polymer (LCP), which is a high-temperature thermoplastic capable of withstanding lead-free reflow soldering.
* **R/CE Suffix:** Usually denotes the specific revision (R) and the European Conformity certification (CE).
---
## 3. Application Use Cases
These connectors are primarily found in modular electronic environments:
1. **Server Blades:** Connecting daughter cards to the motherboard.
2. **Storage Systems:** High-speed NVMe drive arrays.
3. **Networking:** Switch fabrics and router line cards.
4. **FPGA Development:** Carrier boards for high-speed I/O expansion.
---
## 4. Part Number Breakdown (Generic)
| Segment | Description |
| :--- | :--- |
| **M2AVS** | Series Identifier (Mezzanine 2nd Gen Advanced) |
| **16** | Specific height or configuration code |
| **136** | Pin count (136 positions) |
| **R/CE** | Revision and Compliance (CE Mark) |
---
- ⤷
What is the mating height for the M2AVS-16136-R/CE connector?
- ⤷ Is this connector compatible with PCIe 5.0 signal requirements?
- ⤷ What are the recommended footprint dimensions for PCB layout?