M2AVS-16312-R2/N
AI

The **M2AVS-16312-R2/N** is a specialized high-speed connector, typically belonging to the **HSD (High-Speed Data)** connector family. These components are extensively used in the automotive industry for LVDS (Low-Voltage Differential Signaling) and camera systems.
---
### 1. Component Overview
The M2AVS series is designed to handle high-frequency signals while maintaining signal integrity in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | HSD (High-Speed Data) Right-Angle |
| **Configuration** | 4-Pin (Quad) Shielded |
| **Orientation** | Right Angle (90°) for PCB Mounting |
| **Mounting Style** | Through-hole (THT) or SMT (Depending on specific R2 revision) |
| **Impedance** | 100 $\Omega$ (Differential) |
---
### 2. Key Electronic Characteristics
#### A. Signal Integrity
The internal structure is designed to minimize crosstalk and electromagnetic interference (EMI). The 100-ohm differential impedance is critical for supporting protocols like:
* **LVDS** (Low-Voltage Differential Signaling)
* **USB 2.0 / 3.0**
* **Ethernet** (100Base-T1 / 1000Base-T1)
* **GVIF** (Gigabit Video Interface)
#### B. Mechanical Robustness
As an automotive-grade part, it features:
* **Primary Locking:** Mechanical latching to prevent accidental disconnection due to vehicle vibration.
* **Coding/Keying:** The "/N" or similar suffixes often refer to the **mechanical coding** (color and ribbing). Coding "N" usually corresponds to a specific color (like Pastel Orange) to ensure it is only plugged into the matching header.
#### C. Electrical Ratings
* **Frequency Range:** Typically up to 2.0 GHz or 6.0 GHz depending on the specific HSD standard generation.
* **Contact Resistance:** < 10 m$\Omega$.
* **Insulation Resistance:** > 1000 M$\Omega$.
---
### 3. Pinout & Structure
The "16312" refers to the specific housing geometry. It contains four signal pins arranged in a quad formation surrounded by a robust metal shield.
1. **Signal Pins (1-4):** Used for two differential pairs or one pair + power/ground.
2. **Shielding:** The outer metal shell acts as the ground reference and EMI barrier.
3. **Solder Tabs:** Provide mechanical stability on the PCB.
---
### 4. Common Applications
* **Infotainment Systems:** Connecting head units to displays.
* **ADAS Cameras:** High-speed video transmission from exterior cameras to the ECU.
* **Digital Instrument Clusters:** High-resolution data feeds.
- ⤷
What are the specific color codes for HSD connectors and what do they signify?
- ⤷ What is the maximum data rate supported by this connector in Gbps?
- ⤷ How does the 'R2' suffix impact the PCB footprint compared to earlier versions?