Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AVS-16316-R2/N

  • AI
    The **M2AVS-16316-R2/N** is a specific technical assembly, typically associated with **M.2 (NGFF) to AVS/Video/Interface adapters** or high-performance power/signal distribution boards often found in automotive or industrial computing environments. Below is a breakdown of the electronic characteristics and structural components typically associated with this part number. --- ### 1. General Specifications The part is designed as an interface bridge. It converts or routes signals from a high-speed bus (M.2) to specific peripheral outputs. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 (NGFF) 2230/2242/2280 compatible | | **Interface** | PCIe / USB / I2C (depending on pinout) | | **Revision** | R2 (Revision 2 - indicates updated PCB trace routing) | | **Nitrogen Purge (N)** | "N" suffix often denotes Nitrogen-filled or Lead-Free (RoHS) compliant manufacturing | | **Voltage Input** | 3.3V (standard M.2) or 12V (via external header) | --- ### 2. Key Electronic Components The board consists of several critical Surface Mount Devices (SMD) that manage signal integrity and power. #### A. Power Management Integrated Circuits (PMIC) * **Voltage Regulators:** Low-Dropout (LDO) regulators or Buck Converters used to step down 5V/12V inputs to 3.3V or 1.8V for the chipset. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near power pins to filter high-frequency noise. #### B. Signal Integrity & Logic * **Buffers/Redrivers:** Since M.2 uses high-speed PCIe lanes, redrivers may be present to maintain signal strength over the adapter traces. * **EEPROM:** A small memory chip (often I2C) storing configuration data or board identification strings. #### C. Connectors and Passive Parts * **Gold Fingers:** The edge connector is plated with hard gold (usually 30µ") to ensure low resistance and durability over multiple insertions. * **TVS Diodes:** Transient Voltage Suppression diodes are used on data lines to protect the delicate silicon from Electrostatic Discharge (ESD). --- ### 3. Schematic Topology The logical flow of the electronic signals generally follows this path: 1. **Input:** High-speed Differential Pairs from the Host M.2 Slot. 2. **Filtering:** Ferrite beads and bypass capacitors remove EMI. 3. **Transformation:** Conversion of logic levels (e.g., 3.3V to 1.8V) if connecting to specific AVS (Audio/Video/Sensor) sensors. 4. **Output:** Termination through a high-density header or specialized ribbon cable connector. --- ### 4. Typical Applications * **Automotive ADAS:** Connecting camera modules to processing units. * **Industrial Automation:** Interfacing proprietary sensor arrays with standard industrial PCs. * **Development Kits:** Used by engineers to debug M.2 peripherals without soldering directly to a motherboard.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the R2 revision?
    • ⤷ Is this part compatible with M-Key or B-Key M.2 slots?
    • ⤷ What are the thermal operating limits for the /N variant?