Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AVS-2332-R2SLASHCE

  • AI
    The part number **M2AVS-2332-R2/CE** typically refers to a specialized industrial controller or an interface module, often associated with safety systems or automation components (such as those from brands like Bernstein or similar industrial electronics manufacturers). Below is a technical breakdown of its electronic characteristics and typical functions. ### 1. Product Identification & Type | Component Attribute | Specification | | :--- | :--- | | **Model Series** | M2AVS Series | | **Primary Category** | Safety Control / Limit Switch Assembly | | **Housing Material** | Metal (usually high-strength die-cast aluminum) | | **Conformity** | CE Marked (Compliant with European Health, Safety, and Environmental standards) | --- ### 2. Electronic Specifications Electronic parts like the M2AVS-2332-R2 utilize electromechanical or solid-state switching logic to monitor machine positions. * **Contact Configuration:** * Usually features a **2NC/2NO** (2 Normally Closed / 2 Normally Open) arrangement. * Designed for "Positive Break" action to ensure safety circuits open even if contacts weld. * **Voltage Ratings:** * Typical operational voltage: **24V DC** to **230V AC**. * Insulation voltage ($U_i$): Often rated up to **250V**. * **Current Ratings:** * Thermal current ($I_{th}$): Usually around **10A**. * Utilization category: AC-15 or DC-13 (Standard for industrial electromagnetic loads). --- ### 3. Key Electronic Components & Features The "R2" designation often refers to specific mechanical or electrical resets or roller-actuated logic. 1. **Switching Element:** Uses a snap-action or slow-action contact block. The electronic timing is precise to prevent "bounce" in the safety signal. 2. **Galvanic Isolation:** The contacts are electrically isolated from the actuator mechanism to prevent short-circuiting to the machine frame. 3. **Connection Terminals:** Screw terminals with self-lifting clamps, designed for vibration resistance in industrial environments. 4. **Ingress Protection (IP Rating):** Typically **IP65 or IP67**, meaning the electronic internals are protected against dust and powerful water jets. --- ### 4. Application Logic In a control system, this part functions as follows: ```mermaid graph LR A[Physical Actuator] --> B[Mechanical Plunger] B --> C{Internal Switch} C -->|State Change| D[PLC Safety Input] D --> E[Emergency Stop / Logic Control] ``` --- ### 5. Termination Diagram (General) Most modules in this series follow this standard pinout logic: | Terminal No. | Function | Description | | :--- | :--- | :--- | | 11-12 | NC Contact 1 | Safety Loop A | | 21-22 | NC Contact 2 | Safety Loop B | | 33-34 | NO Contact 1 | Status Signaling / Auxiliary | | 43-44 | NO Contact 2 | Indicator Light / PLC Input |
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the R2 variant?
    • ⤷ Can this module be used in SIL3 safety applications?
    • ⤷ What is the mechanical life expectancy in switching cycles?