M2AVS-3316-R
AI

The **M2AVS-3316-R** is an **Aluminum Electrolytic Capacitor** designed for surface mount (SMD) applications. It is manufactured by **ELNA**, a major player in high-reliability passive components.
Below is a breakdown of its technical specifications and physical properties.
---
## 1. Technical Specifications
This part belongs to the **AVS Series**, which is known for its general-purpose characteristics and low profile.
| Parameter | Value |
| :--- | :--- |
| **Capacitance** | 330 µF |
| **Voltage Rating** | 16 VDC |
| **Tolerance** | ±20% (at 120Hz, 20°C) |
| **Series** | AVS (Standard, General Purpose) |
| **Operating Temperature** | -40°C to +85°C |
| **Endurance (Life)** | 2000 hours at 85°C |
| **Leakage Current** | Max 0.01CV or 3µA (whichever is greater) |
---
## 2. Physical Dimensions (SMD Package)
The "3316" in the part number often references the capacitance and voltage, while the physical case size is standardized.
* **Case Size Code:** D8 (Standard ELNA sizing).
* **Dimensions:** Approximately **6.3mm (Diameter) x 5.7mm (Height)**.
* **Mounting Type:** Surface Mount Device (SMD/SMT).
* **Packaging:** Usually supplied on Tape and Reel (represented by the `-R` suffix).
---
## 3. Key Features & Applications
### Features
* **Lead-Free / RoHS Compliant:** Designed for modern environmentally friendly manufacturing.
* **Reflow Solder Compatible:** Can withstand the high temperatures of automated SMT assembly lines.
* **Vibration Resistance:** The SMD "V-chip" design provides better mechanical stability on the PCB compared to through-hole types.
### Common Applications
1. **Power Supply Filtering:** Used to smooth out voltage fluctuations in DC-DC converters.
2. **Bypassing:** Diverting high-frequency noise to the ground.
3. **Consumer Electronics:** Found in TVs, game consoles, and office equipment.
4. **Automotive Infotainment:** Non-critical cabin electronics requiring standard 85°C ratings.
---
## 4. Marking Identification
The top of the capacitor usually contains three lines of information:
1. **Capacitance:** 330 (representing 330µF).
2. **Voltage:** 16V (or a code like C for 16V).
3. **Lot Code:** For manufacturing traceability.
4. **Polarity:** A black bar indicates the **Negative (-)** terminal.
- ⤷
What are the main differences between the ELNA AVS and the high-temperature AVV series?
- ⤷ Can this capacitor be used in automotive engine control units?
- ⤷ What is the equivalent ESR for this specific model at 100kHz?