M2AVS-4112-R
AI

The **M2AVS-4112-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like NEMICON or similar industrial sensor providers. It is designed to convert mechanical rotational displacement into electrical signals.
---
## 1. Technical Specifications Overview
Below is a breakdown of the typical electronic and physical parameters for this series:
| Parameter | Specification |
|:---|:---|
| **Type** | Incremental Rotary Encoder |
| **Output Phase** | A, B, and Z (Index) phases |
| **Resolution** | 1024 Pulses Per Revolution (PPR) |
| **Supply Voltage** | 5V DC to 12V DC (typical range) |
| **Output Type** | Voltage Output / Open Collector |
| **Shaft Diameter** | 6mm (Standard "Solid Shaft") |
| **Outer Diameter** | 40mm |
---
## 2. Key Electronic Components & Functions
### A. The Optical Disc
At the heart of the M2AVS-4112-R is a coded glass or plastic disc. As the shaft rotates, the disc interrupts an internal light beam, creating a pulse train.
### B. Output Signals (A, B, Z)
* **Phase A & B:** These two square wave signals are offset by 90 electrical degrees (quadrature). This allows the controller to determine both the **speed** and the **direction** of rotation.
* **Phase Z:** Also known as the "Index" or "Home" pulse. It produces one pulse per full 360-degree revolution, used for reference positioning.
### C. Output Circuitry
The "R" suffix often denotes specific wiring or output characteristics. Most M2AVS models use a **Voltage Output** configuration:
* It utilizes an internal pull-up resistor.
* It is compatible with most PLC high-speed counter cards and microcontrollers (like Arduino or ESP32).
---
## 3. Wiring Configuration
The device typically uses a color-coded cable. While you should always verify with the specific datasheet provided with the unit, standard wiring for this series is:
| Wire Color | Function |
|:---|:---|
| **Red** | Vcc (Power Supply +) |
| **Black** | 0V (Ground) |
| **White** | Signal Phase A |
| **Green** | Signal Phase B |
| **Yellow** | Signal Phase Z |
| **Shield** | Frame Ground / Shielding |
---
## 4. Application Use Cases
1. **Motor Feedback:** Measuring the RPM of a DC or AC motor.
2. **Positioning:** Calculating the distance traveled by a conveyor belt or linear actuator.
3. **Human-Machine Interface:** Used as a high-precision digital dial for industrial machinery settings.
- ⤷
What is the maximum frequency response for the M2AVS-4112-R?
- ⤷ How do I connect this encoder to an Arduino or PLC?
- ⤷ What are the differences between Voltage Output and Line Driver output in encoders?