M2AVS-A1316-R
AI

The **M2AVS-A1316-R** is a specific part number usually associated with high-density memory modules or specialized storage interface components, often found in industrial or server-grade hardware. Based on the nomenclature, it typically refers to an **M.2 Interface Connector** or a **Small Outline Memory/Storage module** manufactured by specialized electronic component firms (like JAE or Advantech).
Below is a breakdown of the electronic characteristics and specifications typical of this class of components.
### 1. Technical Specifications
This component is designed to facilitate high-speed data transfer between a motherboard and a peripheral (like an SSD or communication module).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Keying** | Typically B-Key or M-Key (depending on application) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Data Rate Support** | PCIe Gen 3/4, SATA 3.0, USB 3.0 |
| **Pitch** | 0.5mm |
---
### 2. Physical Construction
The part is engineered for durability and signal integrity in compact spaces.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
* **Terminations:** Solder pads designed for automated pick-and-place assembly.
* **Shielding:** Integrated metal tabs for EMI (Electromagnetic Interference) reduction and mechanical grounding.
---
### 3. Key Electronic Functions
* **High-Speed Signal Integrity:** The internal geometry of the pins is optimized to minimize crosstalk and insertion loss, essential for NVMe speeds.
* **Power Delivery:** Capable of handling standard 3.3V rails required by M.2 devices with specific current ratings (usually 0.5A per pin).
* **Thermal Management:** The "R" suffix often denotes "Reel" packaging for industrial manufacturing, but it can also signify specific height clearances to allow airflow under the mounted module.
---
### 4. Common Applications
These parts are integrated into the following hardware:
1. **Industrial PCs (IPC):** Providing slots for cellular (LTE/5G) or storage expansion.
2. **Embedded Systems:** Used in IoT gateways where space is a premium.
3. **Edge Computing:** Connecting AI accelerators (like M.2 Google TPU or Intel Movidius).
---
- ⤷
What are the specific pinout differences between B-key and M-key versions of this part?
- ⤷ Is this component compatible with PCIe Gen 5 signaling standards?
- ⤷ What are the recommended soldering temperature profiles for this M.2 connector?