Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AVS-C132-R2/CE

  • AI
    The **M2AVS-C132-R2/CE** is a specialized high-performance motor or motor drive component, typically associated with industrial automation systems (specifically often linked to **Sanyo Denki** or similar precision motion control manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the general electronic parameters for this class of industrial components: | Parameter | Specification | | :--- | :--- | | **Type** | AC Servo Motor / Actuator System | | **Input Voltage** | Typically 200V - 230V AC (Single or Three Phase) | | **Rated Power** | Variable (typically ranging from 100W to 400W depending on frame) | | **Feedback System** | Incremental or Absolute Encoder | | **Compliance** | CE (European Conformity) Certified | | **Protection Class** | IP65 or higher (Dust and Water protection) | --- ### 2. Core Electronic Components The system consists of several critical electronic sub-assemblies: #### A. Stator and Rotor Assembly * **Permanent Magnets:** Uses high-coercivity rare-earth magnets to ensure high torque density and rapid acceleration. * **Windings:** High-temperature copper windings insulated to withstand voltage spikes from PWM (Pulse Width Modulation) drives. #### B. Feedback Electronics (The Encoder) The "C132" designation often refers to the specific encoder resolution or interface. * **Signal Processing:** Converts physical rotation into digital pulses. * **Communication:** Uses differential signaling (RS-422) to ensure noise immunity in electrically "noisy" factory environments. #### C. Connector Interface (R2 Designation) * **Power Connector:** Handles the high-voltage AC input. * **Signal Connector:** A multi-pin connector for encoder feedback, thermal sensors, and brake control (if equipped). * **Shielding:** The "CE" designation implies specialized shielding and filtering to meet Electromagnetic Compatibility (EMC) standards. --- ### 3. Key Electronic Features 1. **Low Cogging Torque:** The electronic design of the magnetic poles is optimized to reduce "ripple," allowing for smooth motion at low speeds. 2. **Thermal Protection:** Includes built-in thermistors or thermal switches that interface with the drive to prevent winding burnout. 3. **Dynamic Braking:** Integrated circuitry allows the motor to dissipate energy quickly during an emergency stop. --- ### 4. Typical Connection Diagram (General) ```text [ Controller/PLC ] <---Signal---> [ Servo Drive ] <---Power/Feedback---> [ M2AVS-C132-R2/CE ] | [ AC Line Filter ] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact encoder resolution for the C132 series?
    • ⤷ Is this motor compatible with third-party servo drives?
    • ⤷ What are the specific mounting dimensions for the R2 frame size?