M2BS2-041-R
AI

The **M2BS2-041-R** is a high-performance, ultra-compact **micro-switch** (specifically a Sub-miniature Pushbutton Switch) manufactured by **Nidec Components** (formerly Copal Electronics). It is widely used in industrial and consumer electronics where space is at a premium.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics:
| Property | Specification |
| :--- | :--- |
| **Switch Type** | Pushbutton (Sub-miniature) |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switching Function** | On - (On) / Momentary |
| **Current Rating** | 0.05A @ 48V AC/DC (Logic Level) |
| **Contact Resistance** | 100 mΩ maximum |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Insulation Resistance** | 500 MΩ minimum |
| **Mechanical Life** | 30,000 cycles |
| **Operating Force** | 1.47 ± 0.98 N |
---
### 2. Physical Construction
The "R" suffix in the part number often denotes specific packaging or terminal styles. Here is the breakdown of the electronic parts involved in its construction:
* **Contacts:** Usually gold-plated over nickel. This ensures high reliability for low-current (logic level) switching by preventing oxidation.
* **Terminals:** PC Pin (Through-hole) mounting. They are designed for direct soldering onto a Printed Circuit Board (PCB).
* **Actuator:** A small plunger designed for manual interface or integration into a button cap system.
* **Housing:** High-temperature plastic (PPS or similar) designed to withstand wave soldering temperatures.
---
### 3. Application and Usage
Because the M2BS2-041-R is a **Momentary** switch, it only completes the circuit while it is being physically pressed. Common use cases include:
1. **Reset Switches:** Used on internal PCBs for system resets.
2. **Mode Selection:** Small tactile inputs for portable medical devices.
3. **Test Equipment:** Logic-level signal switching in handheld multimeters or oscilloscopes.
4. **Peripheral Input:** Functional buttons on high-end computer peripherals or industrial controllers.
---
### 4. Circuit Diagram (SPDT)
The internal electronic logic follows a standard SPDT path:
```text
[Common] ----/ ---- [Normally Closed]
|
+--------- [Normally Open] (Connected when pressed)
```
- ⤷
What is the difference between the M2BS and the M2TS series?
- ⤷ Can this switch be used for high-voltage power applications?
- ⤷ What are the recommended soldering temperature profiles for this component?