M2BS2-162-R
AI

The **M2BS2-162-R** is a specific model of a **Miniature Pushbutton Switch**, typically manufactured by companies like **Nidec Copal Electronics**. It belongs to the M2 series, which is designed for high-density mounting on printed circuit boards (PCBs).
### Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Pushbutton (Momentary) |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Contact Rating** | 0.05A @ 48V AC/DC (Logic Level) |
| **Terminal Type** | Right-Angle PC Terminals |
| **Operating Force** | 1.5 ~ 4.5 N |
| **Mechanical Life** | 30,000 Cycles minimum |
| **Operating Temperature** | -25°C to +70°C |
---
### Key Features and Component Breakdown
#### 1. Contact Mechanism
The "S2" in the part number often refers to the **Snap-action mechanism**. This provides tactile feedback to the user (a "click" feel) and ensures a quick, decisive transition between electrical states, which reduces arcing and contact wear.
#### 2. DPDT Configuration
As a **Double Pole Double Throw** switch, it controls two independent circuits simultaneously. Each "pole" has a common terminal that can connect to one of two different output terminals depending on whether the button is pressed or released.
#### 3. Mounting Style (Right-Angle)
The **-R** suffix typically denotes a **Right-Angle** orientation. This means the actuator (the button) sticks out horizontally relative to the PCB. This is ideal for edge-mounting on devices where the user interacts with the switch from the side of the housing.
#### 4. Gold-Plated Contacts
These switches generally use gold-plated contacts. This makes them highly reliable for "dry circuit" or low-power applications (logic levels), as gold prevents oxidation that would otherwise interfere with the signal in low-voltage electronics.
---
### Common Applications
* **Telecommunications:** Signal switching in networking hardware.
* **Instrumentation:** Mode selection in hand-held measuring tools.
* **Consumer Electronics:** Power or reset buttons in compact devices.
* **Industrial Controls:** Low-level logic switching on control panels.
---
- ⤷
What is the difference between DPDT and SPDT in pushbutton switches?
- ⤷ Can this switch be used for high-power AC applications?
- ⤷ How do I interpret the full part numbering scheme for the M2 series?