M2CE-14-R/Q
AI

The **M2CE-14-R/Q** is a high-performance, robust connector typically utilized in industrial automation, sensor systems, and heavy-duty electrical applications. It is part of a series known for its reliability in harsh environments.
---
### 1. General Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Molex** or **Amphenol** in various regional markets). Below are the typical technical characteristics for this series:
| Feature | Specification |
|:---|:---|
| **Pin Configuration** | 14 Pins (Contacts) |
| **Termination Type** | Solder or Crimp (model dependent) |
| **Mounting Type** | Panel Mount / Cable Mount |
| **Current Rating** | Typically 5A to 15A per contact |
| **Voltage Rating** | 250V - 500V AC/DC |
| **Ingress Protection** | IP67 or IP68 (Waterproof/Dustproof) |
### 2. Part Number Breakdown
The suffixing in these electronic parts usually denotes the material and finish:
* **M2CE**: Series identifier (Modular Circular Connector).
* **14**: Number of active poles/pins.
* **R**: Indicates **Receptacle** (Female housing or socket side).
* **Q**: Quick-lock or Quick-connect mechanism (rather than standard threading).
---
### 3. Key Electronic Components & Materials
To understand the "electronic parts" within this assembly, we look at the internal construction:
#### A. Contact Pins
* **Material:** Phosphor Bronze or Brass.
* **Plating:** Gold (Au) over Nickel (Ni). Gold is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
#### B. Insulator (The Core)
* **Material:** PPS (Polyphenylene Sulfide) or PBT (Polybutylene Terephthalate).
* **Function:** High dielectric strength to prevent arcing between the 14 pins, and high thermal resistance for soldering.
#### C. Shell & Housing
* **Material:** Zinc Alloy or Aluminum with Chrome/Nickel plating.
* **Function:** Provides EMI/RFI shielding to protect signal integrity from external electromagnetic interference.
---
### 4. Applications
Because of the 14-pin density, this part is commonly used for:
1. **CNC Machinery:** Transmitting multi-axis control signals.
2. **Medical Equipment:** High-reliability power and data links.
3. **Encoders:** Transmitting feedback signals from motors to controllers.
---
- ⤷
What is the exact pinout diagram for the 14-pin configuration?
- ⤷ Are there plastic-body alternatives to the M2CE series for weight reduction?
- ⤷ What is the maximum operating temperature for the M2CE-14-R/Q?