AI

The **M2CE-1G-R2/UL** is a high-performance, single-port Gigabit Ethernet (10/100/1000 Base-T) transformer module, commonly used in networking hardware like routers, switches, and industrial controllers. It serves as the physical interface between the Ethernet PHY chip and the RJ45 connector.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Port Configuration** | Single Port (1x1) |
| **Data Rate** | 10/100/1000 Mbps (Gigabit) |
| **Turns Ratio** | 1:1 (Transmitter & Receiver) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Package Style** | Surface Mount (SMD) |
| **Compliance** | UL Recognized, RoHS Compliant |
---
### 2. Electronic Components & Internal Design
The M2CE-1G-R2/UL is not just a single part but a "magnetic module" containing several internal components:
#### A. Isolation Transformers
The primary function is to provide **Galvanic Isolation**. This protects the sensitive PHY silicon from high-voltage surges on the network cable and prevents ground loops between connected devices.
#### B. Common Mode Chokes (CMC)
Each differential pair (there are 4 pairs in Gigabit Ethernet) passes through a common-mode choke.
* **Function:** Filters out electromagnetic interference (EMI) and high-frequency noise while allowing the data signal (differential) to pass through.
#### C. Center Tap Capacitors/Resistors (Termination)
Internally, the module often includes "Bob Smith" termination or similar RC networks connected to the center taps.
* **Function:** This matches the impedance of the twisted-pair cable (100 ohms) to reduce signal reflections and further suppress EMI.
---
### 3. Pinout and Circuit Layout Example
In a typical Gigabit application, the 24-pin SMD layout is used to connect the four differential pairs (A, B, C, and D).
```c
// Internal Logic Representation for one of the four pairs:
[PHY Side] --- (Transformer) --- [Cable/RJ45 Side]
Pin 1 >---| |---< Pin 24
Pin 2 >---| |---< Pin 23 (Center Tap)
Pin 3 >---| |---< Pin 22
```
---
### 4. Typical Applications
* **Network Interface Cards (NICs):** Integrating Ethernet into motherboards.
* **Industrial Automation:** PLCs and sensors requiring robust isolation.
* **Consumer Electronics:** Set-top boxes, smart TVs, and gaming consoles.
- ⤷
What are the specific soldering requirements for the M2CE-1G-R2/UL SMD package?
- ⤷ How does this module compare to the 'R1' or non-UL versions?
- ⤷ Can this transformer be used for Power over Ethernet (PoE) applications?