M2CEC-1100F-R/Q
AI

The **M2CEC-1100F-R/Q** is a high-performance, fanless industrial embedded computer, typically part of the **Vecow EC-1100** series. It is designed for demanding AIoT (Artificial Intelligence of Things) applications, particularly those requiring heavy data processing in harsh environments.
---
### ## Key Electronic Specifications
The core architecture is built around high-efficiency power management and robust data throughput.
| Component | Description |
| :--- | :--- |
| **Processor (CPU)** | Usually equipped with 8th/9th Gen Intel® Core™ i7/i5/i3 (Coffee Lake) processors. |
| **Chipset** | Intel® Q370 Chipset. |
| **Memory** | 2 DDR4 2666MHz SO-DIMM sockets, supporting up to 64GB. |
| **Power Input** | Wide range DC-in (9V to 36V) with Terminal Block. |
| **Ethernet** | Multiple Independent GigE LAN ports (often supporting PoE+). |
| **Expansion** | M.2 Key M, M.2 Key E, and Mini PCIe slots. |
---
### ### Detailed Component Breakdown
#### 1. Power Circuitry and Protection
The unit features an "Industrial-grade" power design. This includes:
* **Surge Protection:** Up to 80V DC protection.
* **Ignition Control:** 16-mode software-configurable power ignition control for in-vehicle use.
* **Isolation:** Integrated circuit protection to prevent damage from unstable power sources.
#### 2. Thermal Management
As a **fanless** system, the electronic parts are strategically placed to dissipate heat through the aluminum chassis.
* **Heat Sinks:** Direct-contact thermal pads connect the CPU and high-heat ICs to the outer casing.
* **Temperature Rating:** Operates between **-25°C to 60°C** without throttling performance.
#### 3. I/O Connectivity (Electronic Interfaces)
The "R/Q" designation often refers to specific port configurations:
* **USB:** USB 3.1 Gen 2 ports providing up to 10Gbps data transfer.
* **Serial Ports:** RS-232/422/485 headers with ESD protection.
* **Display:** Supporting DisplayPort and DVI-D for high-resolution output.
#### 4. Storage & Expansion Slots
* **M.2 Key M:** Supports PCIe x4 NVMe SSDs for high-speed boot and data storage.
* **M.2 Key E:** Typically used for Wireless/Bluetooth modules.
* **SIM Slots:** Dual external SIM slots for 4G/LTE/WiFi/GPRS connectivity.
---
### ### Typical Use Cases
Due to its rugged electronic design, it is frequently used for:
* **Autonomous Mobile Robots (AMR)**
* **Smart Manufacturing/Industry 4.0**
* **Rolling Stock / In-vehicle monitoring**
* **AI Surveillance**
---
- ⤷What are the specific power consumption ratings for this model under full load?
- ⤷ Does this model support expansion for NVIDIA or Intel Movidius AI accelerators?
- ⤷ How does the ignition control feature protect the electronics in vehicle applications?