M2CEC-1100Z-R2
AI

The **M2CEC-1100Z-R2** is a specialized industrial-grade expansion module, typically categorized as a **M.2 to Dual Isolated CANBus 2.0B/J1939** card. It is designed to add robust communication interfaces to embedded systems, industrial PCs (IPCs), and IoT gateways.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic and functional characteristics of the module:
| Component/Feature | Details |
| :--- | :--- |
| **Form Factor** | M.2 B-M Key (2280 size) |
| **Interface** | USB 2.0 (via M.2 slot) |
| **Controller** | Dedicated high-performance CAN Controller |
| **CAN Standard** | CAN 2.0A / CAN 2.0B (Backward compatible) |
| **Isolation** | 2.5kV Optical Isolation |
| **Channels** | 2-Port (Dual Channel) |
| **Bit Rate** | 10 kbps to 1 Mbps |
| **Power Consumption** | Approx. 1.5W - 2.0W |
---
### 2. Core Electronic Components
The module relies on several layers of circuitry to ensure stable performance in harsh environments:
#### A. Galvanic Isolation Layer
The "Z" in the model often denotes enhanced protection. The board uses **Optical Isolators** between the CAN controller and the physical bus. This prevents high-voltage spikes (common in automotive or factory floors) from traveling back to the CPU/Motherboard.
#### B. CAN Transceivers
It utilizes high-speed physical layer transceivers that convert the digital signals from the controller into differential voltages required for the CAN_H (High) and CAN_L (Low) lines.
#### C. Termination Resistors
The PCB typically includes selectable **120Ω termination resistors**. In a CAN network, these are critical to prevent signal reflection at the ends of the cable.
#### D. Voltage Regulation
Since it operates via an M.2 slot, it takes 3.3V power and uses onboard DC-DC converters to provide stable power to the isolated side of the circuit.
---
### 3. Application Use Cases
Due to its rugged design, the M2CEC-1100Z-R2 is used in specific electronic ecosystems:
* **Automotive Telematics:** Reading engine data via J1939 or OBD-II protocols.
* **Industrial Automation:** Connecting a PC to PLC networks or robotic arms.
* **Maritime Systems:** Integrating NMEA 2000 (which is based on CAN) into navigation computers.
---
### 4. Connection Layout
| Pin/Header | Function |
| :--- | :--- |
| **M.2 Connector** | Power (3.3V), USB Data signals, Ground. |
| **DB9 / Header** | CAN_High, CAN_Low, and Isolated Ground (ISO_GND). |
- ⤷
How do I configure the 120-ohm termination resistor on this specific module?
- ⤷ Is this module compatible with Linux SocketCAN drivers?
- ⤷ What is the difference between the R2 version and the original R1 version?