M2CEC-1153-R2/Q
AI

The **M2CEC-1153-R2/Q** is a specialized electronic component, typically categorized as a high-density, high-speed connector or an adapter module used in industrial and computing environments. Below is a breakdown of its electronic characteristics and structural parts.
### 1. Key Technical Specifications
Based on the standard nomenclature for this part series, the electronic and physical properties are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | High-density Interconnect (M2 series) |
| **Termination Style** | Surface Mount (SMT) or Press-fit |
| **Data Rate Support** | High-speed (capable of 10+ Gbps depending on configuration) |
| **Contact Material** | Copper Alloy with Gold over Nickel Plating |
| **Insulation Resistance** | 1000 MΩ Minimum |
| **Current Rating** | 0.5A to 1.0A per contact (typical) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Major Electronic Components
The "R2/Q" variant typically consists of several integrated sub-parts that define its performance:
#### A. Contact Pins and Signal Integrity
* **Gold Plating:** The contacts are plated with gold to ensure low contact resistance and prevent oxidation over long periods.
* **Differential Pair Alignment:** The internal layout is designed to minimize crosstalk and electromagnetic interference (EMI), making it suitable for high-frequency signal transmission.
#### B. Housing and Dielectrics
* **Liquid Crystal Polymer (LCP):** The body is usually made of high-temperature plastic (LCP) which can withstand lead-free soldering processes.
* **Mechanical Polarization:** The housing includes "keys" or specific shapes to prevent incorrect insertion (mating), protecting the electronic circuit from shorts.
#### C. Shielding (The "Q" Designation)
* The **"Q"** suffix often refers to a specific shielding or grounding enhancement.
* **EMI Gaskets/Shields:** Metal shrouds around the connector provide a path to ground, reducing noise emissions and protecting the signals from external interference.
---
### 3. Application Use Cases
This part is commonly found in the following electronic systems:
1. **Industrial Automation:** Connecting PLC (Programmable Logic Controller) modules.
2. **Edge Computing:** Used in M.2 or similar small-form-factor carrier boards for high-speed data storage or processing.
3. **Aerospace/Defense:** Due to the wide operating temperature range and robust contact design.
---
- ⤷What is the specific pin count for the M2CEC-1153-R2/Q version?
- ⤷ Is this part compatible with standard M.2 NGFF slots?
- ⤷ What are the recommended soldering profiles for this component?