M2CEC-12003-R2
AI

The **M2CEC-12003-R2** is a high-performance **Carrier Board** (also referred to as an Evaluation Board or Carrier Card) designed specifically for **NVIDIA® Jetson™ Orin NX and Orin Nano** System-on-Modules (SoM).
It serves as the interface between the dense, high-pin-count connector of the Jetson module and standard peripheral ports.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Compatibility** | NVIDIA Orin NX / Orin Nano |
| **Storage** | 1x M.2 Key M (PCIe Gen4 x4) for NVMe SSD |
| **Networking** | 1x Gigabit Ethernet (RJ45) |
| **Display Output** | 1x HDMI 2.0 (Supports 4K) |
| **USB Connectivity** | 2x USB 3.2 Gen2 (Type-A), 1x USB 2.0 (Micro-AB for flashing) |
| **Expansion Slot** | 1x M.2 Key E (for WiFi/Bluetooth modules) |
| **Power Input** | +9V to +19V DC |
---
### 2. Electronic Component Breakdown
#### A. Power Management System
The board integrates complex **DC-DC Buck Converters**. Since the Jetson Orin modules require stable, high-current power rails (usually around 5V for the module and 3.3V/1.8V for peripherals), the R2 version features optimized power circuitry to handle the peak power draws of the Orin NX (up to 25W).
#### B. Storage & Data Interfaces
* **M.2 Key M Slot:** This utilizes the PCIe Gen4 lanes directly from the Orin module. It is the primary interface for high-speed OS booting and data logging.
* **MIPI CSI-2 Connectors:** The board typically includes 15-pin or 22-pin headers to interface with camera sensors, supporting high-bandwidth image processing for AI vision tasks.
#### C. Communication & Control (GPIO)
Like most Jetson carriers, it features a **40-pin Header**. This header provides:
* **I2C/SMBus:** For sensor communication.
* **UART:** For serial debugging.
* **PWM:** For controlling motors or fans.
* **GPIO:** General digital input/output.
#### D. Networking Stack
It employs an onboard **Physical Layer (PHY) chip** to convert the RGMII signals from the Orin module into a standard 10/100/1000 Base-T Ethernet port.
---
### 3. Structural Improvements in the R2 Revision
The "R2" suffix generally denotes a second hardware revision. In this specific model, improvements usually focus on:
1. **Thermal Dissipation:** Better copper pour patterns to help heat move away from the M.2 SSD.
2. **Signal Integrity:** Improved routing for PCIe Gen4 to reduce electromagnetic interference (EMI).
3. **Circuit Protection:** Enhanced ESD (Electrostatic Discharge) protection on the USB and HDMI ports.
---
- ⤷
What are the power supply requirements for the M2CEC-12003-R2?
- ⤷ Does this carrier board support the older Jetson Xavier NX modules?
- ⤷ How do I flash the Jetson module when mounted on this board?