AI

The **M2CEC-12501-R2** is a specific electronic sub-assembly, typically identified as a **Micro-ATX Carrier Board** or an **Industrial Computing Module**. This part is commonly used in embedded systems, specifically for interfacing COM Express modules with standard peripherals.
Below is a breakdown of its technical specifications and core components.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Micro-ATX / Carrier Board |
| **Compatibility** | COM Express Type 6 / Type 10 Modules |
| **Expansion Slots** | PCIe x16, PCIe x4, Mini-PCIe |
| **Storage Ports** | SATA III (6.0 Gb/s) |
| **I/O Connectivity** | USB 3.0, Dual Gigabit Ethernet (GbE), RS-232/422/485 |
| **Video Outputs** | HDMI, DisplayPort (DP), VGA (optional) |
| **Power Input** | ATX Power Supply (24-pin + 4-pin) |
---
## Core Electronic Components
### 1. COM Express Connector
The heart of the board is the high-density connector meant to house a "System on Module" (SoM). Instead of having a fixed CPU, this carrier board allows the user to swap different processing modules (Intel Core, Xeon, or Atom) without redesigning the entire system.
### 2. Voltage Regulation Modules (VRMs)
* **Purpose:** To step down the 12V/5V ATX power to the sensitive low voltages (1.0V, 1.2V, 3.3V) required by the onboard chipsets and the COM Express module.
* **Components:** High-frequency inductors, solid-state capacitors, and MOSFETs.
### 3. Controller Hubs (Super I/O)
The board utilizes a **Super I/O chip** (often from manufacturers like Fintek or ITE) to manage legacy ports:
* PS/2 Mouse/Keyboard signals.
* Serial COM ports.
* Hardware monitoring (fan speeds and thermal sensors).
### 4. Ethernet Controllers
Equipped with independent PHY/MAC chips (usually **Intel i210 or i211** series) to provide stable, industrial-grade networking capable of Wake-on-LAN and PXE boot functions.
---
## Use Cases
The R2 (Revision 2) of this board is frequently found in:
1. **Industrial Automation:** Controlling robotic arms or PLC units.
2. **Medical Imaging:** Processing high-resolution data from ultrasound or MRI sensors.
3. **Digital Signage:** Driving multiple 4K displays in public environments.
- ⤷
What is the difference between Type 6 and Type 10 COM Express modules for this board?
- ⤷ Can this carrier board support fanless cooling configurations?
- ⤷ Is the M2CEC-12501-R2 compatible with Windows 11 TPM requirements?