Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2CEC-13502-R/Q

  • AI
    The **M2CEC-13502-R/Q** is a specific variant of a high-performance **Compact PCI (cPCI)** or **PXI Express** based controller module, typically manufactured by companies like **ADLINK** or similar industrial computing firms. These parts are designed for rigorous industrial automation, testing, and measurement environments. --- ## 1. Core Technical Specifications The "R/Q" suffix often denotes specific hardware revisions or variations in the processor/memory configuration. Below are the typical electronic characteristics for this series: | Component | Description | | :--- | :--- | | **Form Factor** | 3U PXI Express (PXIe) or CompactPCI Express | | **Processor Support** | Intel Core i5/i7 (typically 4th or 7th Gen depending on specific Q/R revision) | | **Memory (RAM)** | Dual-channel DDR3L or DDR4 (up to 16GB or 32GB) | | **I/O Connectivity** | DisplayPort, USB 3.0, Dual Gigabit Ethernet (RJ-45) | | **Storage Interface** | SATA III (6 Gb/s) for SSD/HDD integration | | **Triggering** | Support for PXI trigger bus and system reference clocks | --- ## 2. Key Electronic Features ### A. Bus Interface (PCI Express Gen 2/3) The module utilizes a high-bandwidth backplane interface. This allows the controller to communicate with peripheral modules (like data acquisition cards or oscilloscopes) at speeds up to **8 GB/s** total system bandwidth. ### B. Thermal Management Since these are used in industrial racks, the electronic layout includes: * **Active Cooling:** A high-reliability ball-bearing fan. * **Heat Sinks:** Massive aluminum or copper heat spreaders over the CPU and Chipset. * **Operating Temp:** Often rated for $0^\circ C$ to $55^\circ C$. ### C. Signal Integrity The PCB is designed with multi-layer impedance control to ensure that the high-frequency PXI Express clocks (10 MHz and 100 MHz) maintain precision, which is critical for synchronized measurements across multiple chassis slots. --- ## 3. Comparison of R/Q Variants While "13502" identifies the base model, the suffixes usually indicate: 1. **"R" Revision:** Often indicates a **Rugged** version or a specific hardware **Revision** involving updated capacitor types or minor PCB trace optimizations for better EMI (Electromagnetic Interference) shielding. 2. **"Q" Variant:** Frequently refers to a **Quad-core** processor configuration or a specific **Qualified** industrial grade meant for 24/7 operation. --- ## 4. Typical Connection Pinout (Backplane) The J1 and J2 connectors on the rear of the module follow the **PICMG** standard: ```c // Simplified Pin Mapping Concept [P1 Connector] -> Power Rails (+3.3V, +5V, +12V, -12V) [P2 Connector] -> PCIe Differential Pairs (TX/RX) [P3/P4] -> System Timing Signals (PXI_CLK10, PXI_TRIG) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the R and Q revisions regarding CPU clock speed?
    • ⤷ Is this module compatible with standard PXI chassis or only PXI Express?
    • ⤷ What are the power consumption requirements for the M2CEC-13502 at full load?