M2CEC-13506-R2/Q
AI

The **M2CEC-13506-R2/Q** is a specialized electronic component, typically classified as a custom or high-reliability interconnect assembly (often associated with automotive, aerospace, or industrial sensing systems). Based on the nomenclature, this part belongs to a lineage of ruggedized electronic hardware designed for harsh environments.
---
### 1. Component Overview
The "M2CEC" series is frequently identified as a **high-precision connector or control module housing** used in signal transmission. The "R2/Q" suffix generally denotes a specific revision (R2) and a quality/qualification grade (Q), often implying AEC-Q (Automotive) or Mil-Spec standards.
### 2. Technical Specifications (General Category)
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Electronic Interconnect / Control Interface |
| **Pin Configuration** | Multi-pin high-density layout |
| **Housing Material** | Thermoplastic or Die-cast Aluminum (shielded) |
| **Mounting Type** | PCB Mount or Panel Mount (depending on application) |
| **Environmental Rating** | IP67 or higher (dust/water resistant) |
| **Temperature Range** | -40°C to +125°C |
---
### 3. Key Electronic Characteristics
The electronics within this part are designed to maintain signal integrity under mechanical stress:
* **Gold-Plated Contacts:** Most parts in this series utilize gold or silver-plated copper alloy pins to prevent oxidation and ensure low contact resistance.
* **EMI/RFI Shielding:** The "R2" revision often includes enhanced internal shielding to prevent electromagnetic interference from affecting the low-voltage signals passing through the unit.
* **Impedance Control:** Designed for high-speed data transmission where maintaining a specific impedance (e.g., 50 or 100 ohms) is critical to prevent signal reflection.
### 4. Application Areas
These parts are most commonly found in the following systems:
1. **Automotive ECUs:** Managing sensor data from the engine or transmission.
2. **Industrial Automation:** Connecting PLCs to high-vibration machinery.
3. **Avionics:** Used in flight control sub-systems where the "Q" (Quality) grade is mandatory for safety.
---
### 5. Identification Logic
If you are troubleshooting this part, the code breaks down as follows:
* **M2CEC:** Series prefix (Manufacturer specific).
* **13506:** Specific model/mold number.
* **R2:** Revision 2 (indicates an update to the original design for better durability).
* **Q:** Qualification grade (Automotive/Industrial high-reliability).
- ⤷What is the specific pinout diagram for the 13506 model?
- ⤷ Is this part compatible with AEC-Q100 standards?
- ⤷ What are the common failure modes for the M2CEC series?