M2CEC-1350B-R/Q
AI

The **M2CEC-1350B-R/Q** is a high-performance **Micro-Wave Coaxial Connector** assembly, typically categorized under radio frequency (RF) components. These parts are primarily used for high-frequency signal transmission in mobile devices, communication infrastructure, and testing equipment.
Below is a detailed breakdown of its electronic characteristics and structural components.
---
## 1. Technical Specifications
This component is designed to maintain signal integrity while minimizing electromagnetic interference (EMI).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | RF Coaxial Connector / Cable Assembly |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC to 6 GHz (Typically supports Wi-Fi 6/6E bands) |
| **V.S.W.R.** | 1.3 Max (at 3GHz) to 1.5 Max (at 6GHz) |
| **Insertion Loss** | Low (typically < 0.5dB depending on length) |
| **Mating Cycles** | ~30 to 100 cycles |
---
## 2. Key Electronic Parts & Materials
The performance of the M2CEC-1350B-R/Q relies on the quality of its internal materials:
### A. Center Contact (Signal Path)
* **Material:** Phosphor Bronze or Beryllium Copper.
* **Plating:** **Gold plating** is used to ensure high conductivity and prevent oxidation over the lifespan of the device.
### B. Dielectric Insulator
* **Material:** PTFE (Teflon) or LCP (Liquid Crystal Polymer).
* **Function:** This part maintains the precise spacing between the center conductor and the outer shell to ensure a constant **50-ohm impedance**.
### C. Outer Shell (Grounding)
* **Material:** Copper Alloy with Gold or Silver plating.
* **Function:** Acts as the electrical ground and provides **EMI shielding** to protect the signal from external noise.
### D. Coaxial Cable
* The "1350" in the part number often refers to the specific cable diameter or length configuration (e.g., 1.37mm or 1.13mm micro-coax).
---
## 3. Physical Attributes
The suffix **-R/Q** usually denotes specific packaging or orientation standards:
* **R (Reel):** Indicates the parts are supplied on a reel for automated SMT (Surface Mount Technology) pick-and-place machines.
* **Q (Quality/Orientation):** May refer to a specific mating orientation or a "Quick-lock" mechanism.
### Structural Diagram Representation
```text
[ Outer Jacket ] -> Protection
[ Outer Shield ] -> Grounding / EMI Shielding
[ Dielectric ] -> Impedance Matching
[ Inner Conductor]-> Signal Transmission (Gold Plated)
```
---
## 4. Common Applications
Due to its small footprint and high-frequency capabilities, it is commonly found in:
1. **Mobile Handsets:** Connecting the main PCB to the antenna.
2. **Laptops/Tablets:** Internal Wi-Fi and Bluetooth module connections.
3. **IoT Devices:** Connecting external antennas to cellular (LTE/5G) modules.
4. **Drones:** High-speed telemetry signal paths.
- ⤷
What are the mechanical dimensions of the M2CEC-1350B mating interface?
- ⤷ How does the insertion loss of this connector change at frequencies above 6GHz?
- ⤷ Is the M2CEC-1350B compatible with standard U.FL or MHF connector footprints?