M2CEC-1350C-R
AI

The **M2CEC-1350C-R** is a specific model of an **M.2 to Camera Link (CL) Frame Grabber**. This electronic component is designed to bridge the gap between industrial machine vision cameras and modern, compact computing platforms that utilize the M.2 interface (typically found in industrial PCs and embedded systems).
---
### 1. Key Technical Specifications
The device acts as a hardware interface that converts the high-speed serialized data from a camera into a format the computer's CPU/GPU can process via the PCIe bus.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 Key M (2280) |
| **Host Interface** | PCIe Gen2 x2 (or Gen3 depending on specific revision) |
| **Camera Interface** | Camera Link (SDR/HDR Connector) |
| **Configuration** | Base Configuration |
| **Throughput** | Up to 255 MB/s (standard for Base Config) |
| **Operating Temp** | Typically 0°C to 70°C (Commercial/Industrial) |
---
### 2. Core Electronic Subsystems
#### A. FPGA (Field Programmable Gate Array)
The "brain" of the M2CEC-1350C-R is usually a high-performance FPGA.
* **Function:** It handles the real-time image acquisition, Bayer decoding (if applicable), and manages the high-speed timing required by the Camera Link protocol.
* **DMA Engine:** It includes a Direct Memory Access engine to move image data directly into the system RAM without taxing the host CPU.
#### B. The M.2 Interface (PCIe)
Unlike older frame grabbers that used bulky PCIe slots, this uses the **M.2 2280** physical standard.
* It utilizes the **PCIe protocol** for data transfer.
* It draws its power (3.3V) directly from the M.2 slot, though some versions may require external power for the camera (PoCL).
#### C. Camera Link PHY (Physical Layer)
* **LVDS Receivers:** Camera Link relies on Low Voltage Differential Signaling. The board contains specialized transceivers to interpret these signals over the SDR (Shrunk Delta Ribbon) connector.
* **PoCL Support:** Many models in this series support **Power over Camera Link**, allowing the board to power the camera through the data cable.
#### D. I/O and Triggering Circuits
Industrial imaging requires precise timing. The board includes:
* **Opto-isolated Inputs:** To receive triggers from sensors or PLCs.
* **TTL Outputs:** To trigger strobes or lighting arrays.
---
### 3. Connection Architecture
```mermaid
graph LR
A[Camera Link Camera] -- SDR Cable --> B[M2CEC-1350C-R]
B -- M.2 Connector --> C[Host PC / Embedded Board]
C -- Software SDK --> D[Image Processing App]
```
---
### 4. Typical Use Cases
* **Embedded Vision:** Installing high-end industrial cameras into small form-factor PCs (like Intel NUCs or Advantech boxes).
* **Automated Optical Inspection (AOI):** Real-time quality control on assembly lines.
* **Medical Imaging:** Integrating specialized sensors into portable medical diagnostic equipment.
- ⤷
Does this frame grabber support PoCL (Power over Camera Link)?
- ⤷ What software drivers are required to operate the M2CEC series?
- ⤷ Can this board handle Medium or Full Camera Link configurations?