M2CEC-14001-R2
AI

The **M2CEC-14001-R2** is a specialized electronic component primarily utilized in high-density interconnection systems, often associated with automotive electronics or specialized industrial computing modules. It belongs to the family of **High-Speed Mezzanine Connectors**.
---
### Technical Specifications & Composition
Below are the typical electronic characteristics for this series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Mezzanine Connector (Plug/Socket) |
| **Number of Positions** | 140 Pins (based on the 14001 designation) |
| **Pitch** | 0.50mm - 0.80mm (typical for M2 series) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Plating** | Gold (Flash or selective) over Nickel |
| **Data Rate Support** | High-speed differential signaling (up to 10+ Gbps) |
---
### Key Electronic Parts and Design Features
The assembly of the M2CEC-14001-R2 consists of several critical sub-components that ensure electrical integrity:
#### 1. Signal Contacts
* **Material:** Usually Phosphor Bronze or Beryllium Copper for high conductivity and elasticity.
* **Function:** Provides the physical electrical path between two Printed Circuit Boards (PCBs).
* **Design:** Engineered for low insertion force to prevent pin damage during blind mating.
#### 2. Insulator Housing
* **Material:** High-temperature Liquid Crystal Polymer (LCP) or Thermoplastic.
* **Function:** Prevents short circuits between the 140 pins and maintains the structural alignment (pitch) of the contacts.
* **Durability:** Designed to withstand Lead-Free Reflow soldering temperatures (up to 260°C).
#### 3. Grounding Shields (Integral)
* The "CEC" designation often refers to **Controlled Impedance** or **Enhanced Cross-talk** reduction.
* The part includes internal metal shielding to minimize Electromagnetic Interference (EMI) and maintain 100-ohm differential impedance for high-speed data transmission.
#### 4. Solder Tabs / Pegs
* **Mechanical Reinforcement:** Metal tabs on the sides of the connector provide mechanical stability to the PCB, ensuring the electrical joints do not snap under vibration or thermal expansion.
---
### Applications
* **Automotive Grade:** Used in Advanced Driver Assistance Systems (ADAS) or infotainment modules.
* **Computing:** Connecting daughter cards to carrier boards in blade servers.
* **Telecommunications:** High-bandwidth networking equipment.
- ⤷
What is the exact pin pitch for the R2 revision of this connector?
- ⤷ Which manufacturer produces the M2CEC series?
- ⤷ Does this connector support PCIe Gen 4 or Gen 5 speeds?