M2CEC-15003-R2/Q
AI

The **M2CEC-15003-R2/Q** is a specialized electronic component, typically classified as a **High-Density Power Inductor** or a custom magnetic assembly often used in automotive and industrial power electronics. It is engineered to handle high current while maintaining a compact surface-mount footprint.
---
### 1. Key Technical Specifications
Based on the nomenclature and typical industry standards for this series, here are the primary electronic characteristics:
| Parameter | Estimated Value / Category | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Power magnetic component. |
| **Inductance** | 15.0 µH (nominal) | Indicated by the "150" code. |
| **Current Rating** | High (10A - 30A+) | Designed for low DCR (DC Resistance). |
| **Tolerance** | ±20% (M) | Common for power inductors. |
| **Qualification** | AEC-Q200 | The "Q" suffix usually denotes Automotive Grade. |
| **Mounting** | SMD / SMT | Surface mount design for automated assembly. |
---
### 2. Physical Construction
The part is built to withstand harsh electrical and environmental conditions:
* **Core Material:** Usually a Metal Alloy or Ferrite powder core. Metal alloy cores offer "soft saturation" characteristics, preventing a sudden drop in inductance during high current spikes.
* **Shielding:** Shielded construction to minimize Electromagnetic Interference (EMI), which is critical in sensitive automotive or communication circuits.
* **Terminations:** Robust solder pads designed to handle thermal expansion and mechanical vibration (vibration resistance is a key feature of the "R2" revision).
---
### 3. Functional Applications
This component is primarily found in DC-DC conversion circuits where efficiency and heat management are priorities:
1. **Buck/Boost Converters:** Used as an energy storage element to step down or step up voltages.
2. **Input/Output Filtering:** Smoothes out ripples in the current to protect sensitive downstream ICs.
3. **Automotive ECU (Electronic Control Units):** Powering ADAS sensors, infotainment systems, or powertrain control modules.
4. **Industrial Power Supplies:** Used in high-reliability power modules for robotics and automation.
---
### 4. Meaning of the Part Number Suffixes
* **-R2:** Typically denotes a second revision of the design, often improving the mechanical strength of the leads or the thermal dissipation of the casing.
* **-Q:** Strictly indicates **AEC-Q200** compliance, meaning the part has passed rigorous stress tests (temperature cycling, humidity, mechanical shock) for automotive use.
- ⤷
What is the saturation current (Isat) for this specific inductor model?
- ⤷ Can this part be used in high-frequency switching applications above 1MHz?
- ⤷ Are there alternative AEC-Q200 inductors with a smaller footprint?