AI

The **M2CEC-2100D-R2** is a high-performance industrial-grade embedded motherboard, typically part of the **ARES-2100** series by **LEX Computech**. It is designed for compact, rugged environments such as edge computing, digital signage, and automation.
### 1. Core Processing & Architecture
The board is built around the **Intel Apollo Lake** platform, which offers a balance between low power consumption (TDP) and efficient multi-core processing.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel® Celeron® J3455 (Quad-Core, up to 2.3 GHz) |
| **Memory Support** | 1 x DDR3L 1866MHz SO-DIMM (Max 8GB) |
| **Graphics** | Intel® HD Graphics 500 |
| **BIOS** | AMI UEFI BIOS |
---
### 2. Connectivity and I/O Interface
The "R2" revision often indicates a hardware refresh or specific pinout optimization for industrial standards.
* **Display Outputs:** Dual display support via **2 x HDMI** ports, allowing for 4K resolution output.
* **Networking:** Equipped with dual **Intel i211-AT Gigabit Ethernet** controllers, which are preferred in industrial settings for their reliability and driver support.
* **USB Ports:** Usually features 4 x USB 3.0 ports for high-speed data transfer.
* **Serial Communication:** Includes internal headers or external ports for **RS-232/422/485**, essential for connecting to legacy industrial sensors and PLCs.
---
### 3. Expansion and Storage Slots
The M2CEC-2100D-R2 utilizes the M.2 standard heavily to maintain a small footprint while providing high-speed expansion.
| Slot Type | Purpose |
| :--- | :--- |
| **M.2 Key-M** | Supports M.2 SSDs (SATA or PCIe signal) for OS storage. |
| **M.2 Key-E** | Used for Wireless connectivity (Wi-Fi / Bluetooth modules). |
| **M.2 Key-B** | Often used for 3G/4G/LTE cellular modules with a SIM slot. |
| **SATA** | 1 x SATA III (6Gb/s) port for standard 2.5" SSD/HDD. |
---
### 4. Electrical and Environmental Specs
Designed for "Fanless" operation, the electronic components are selected for their thermal tolerance.
* **Power Input:** Wide range DC input (typically **+9V to +36V DC**), making it suitable for vehicle or factory power rails.
* **Protection:** Includes over-voltage and over-current protection circuits.
* **Watchdog Timer:** Integrated 1~255 level system reset timer to prevent system hang-ups in remote locations.
---
### 5. Summary of Key Features
1. **Fanless Design:** No moving parts increases the Mean Time Between Failures (MTBF).
2. **Compact Form Factor:** Based on the 3.5-inch board standard or proprietary small-form-factor (SFF).
3. **Industrial Longevity:** Components are selected to ensure availability for 5-7 years, unlike consumer motherboards.
- ⤷
What are the specific power consumption requirements for the J3455 processor in this board?
- ⤷ Does the M2CEC-2100D-R2 support NVMe boot drives or only SATA-based M.2?
- ⤷ Can this board be integrated into a DIN-rail mounting system?