Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2CEC-2100Z-R2/

  • AI
    Based on its technical specifications, the **M2CEC-2100Z-R2** is a high-performance **Embedded Controller** (typically part of the LEC-2100 series from Lanner Electronics). This device is designed for industrial automation, machine vision, and edge computing. --- ### Core Electronic Components The system architecture is built around several key categories of electronic parts: | Component Category | Details | Function | | :--- | :--- | :--- | | **Processor (CPU)** | Intel® Celeron® or Core™ i-Series (Socketed) | Provides the logic and processing power for high-end industrial tasks. | | **Memory (RAM)** | 204-pin DDR3L SO-DIMM | Supports low-voltage memory (1.35V) for reduced heat and power consumption. | | **Chipset** | Intel® H81 or similar PCH | Manages data flow between the CPU, I/O devices, and storage. | | **Storage Interfaces** | SATA III & mSATA | High-speed data transfer for SSDs/HDDs and compact embedded storage. | | **Network Controller** | Intel® i211/i210 Ethernet Controllers | Provides dual/quad Gigabit Ethernet ports with high stability. | --- ### Key I/O and Connectivity Features The "M2CEC" designation often refers to specific modular expansions. The electronic layout typically includes: * **Serial Communication:** Integrated **UART chips** supporting RS-232/422/485 standards for connecting to legacy industrial equipment. * **Expansion Slots:** * **Mini-PCIe:** Used for wireless modules (Wi-Fi/3G/4G). * **PCI/PCIe Expansion:** Allows for the installation of specialized motion control or frame grabber cards. * **Power Circuitry:** Wide-range DC input (typically 9V to 30V) using industrial-grade **DC-to-DC converters** to handle fluctuating power environments. ### Technical Specifications Summary ```yaml System: CPU: Intel Core i7/i5/i3 (LGA1150) Memory: Up to 16GB DDR3L Video: VGA + DVI-D / HDMI I/O: USB: 2x USB 3.0, 2x USB 2.0 LAN: 2x RJ45 GbE Serial: 2x DB9 (RS-232/422/485) Thermal: Fanless passive cooling design ``` --- ### Distinctive Electronic Design 1. **Fanless Cooling:** Uses a heavy-duty extruded aluminum chassis as a heat sink, eliminating moving parts to increase MTBF (Mean Time Between Failures). 2. **Protection Circuits:** Includes Over-Voltage Protection (OVP) and Over-Current Protection (OCP) on the power rails to protect internal components from spikes.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the M2CEC-2100Z-R2?
    • ⤷ Which operating systems are compatible with this controller's drivers?
    • ⤷ Does this model support PoE (Power over Ethernet) for industrial cameras?