M2CEC-2125Z-R/Q
AI

The **M2CEC-2125Z-R/Q** is a specialized electronic component, typically categorized as a high-reliability **Micro-D connector** or a derivative of the **D-Subminiature** family, often used in aerospace, defense, and high-performance industrial applications.
---
## Technical Specifications & Characteristics
Below is a breakdown of the typical electronic and mechanical specifications associated with this class of connector:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | Micro-D (Microminiature) |
| **Contact Density** | High-density 0.050" (1.27 mm) pitch |
| **Contact Plating** | Gold over Nickel (standard for low resistance and anti-corrosion) |
| **Shell Material** | Aluminum alloy or Stainless Steel (Electro-less Nickel or Cadmium plated) |
| **Current Rating** | Typically 3 Amps per contact |
| **Operating Temperature** | -55°C to +125°C (standard range) |
| **Termination Style** | PCB Mount (Right Angle or Vertical) or Solder Cup |
---
## Component Breakdown
### 1. The Shell (Housing)
The "M2" prefix often indicates compliance with MIL-DTL-83513 standards or a proprietary manufacturer equivalent. The shell provides **EMI/RFI shielding**, ensuring that signals passing through the connector are not disrupted by external electromagnetic interference.
### 2. Contact System (Twist Pin)
These parts usually utilize a **Twist Pin** contact system. Unlike standard stamped contacts, a twist pin consists of a bundle of wire strands that create multiple points of electrical contact.
* **Benefit:** High resistance to vibration and mechanical shock.
* **Electronic Integrity:** Ensures a stable low-contact resistance even in harsh environments.
### 3. Dielectric Insulator
The internal body holding the pins is usually made of **Liquid Crystal Polymer (LCP)** or **Polyphenylene Sulfide (PPS)**. These materials provide high dielectric strength (insulation) to prevent arcing between closely spaced pins.
---
## Part Number Suffix Logic (R/Q)
In professional electronics, suffixes usually denote specific packaging or testing standards:
* **R:** Often denotes **RoHS Compliance** (Lead-free) or a specific **Right-Angle** mounting orientation.
* **Q:** Generally indicates **Quality/Qualification** (e.g., QPL - Qualified Parts List) or specific automotive/aerospace grade testing protocols.
---
## Common Applications
* **Avionics:** Flight control systems and cockpit displays.
* **Medical:** High-resolution imaging equipment.
* **Defense:** Missile guidance systems and tactical radios.
* **Space:** Satellite payloads where weight and space are at a premium.
- ⤷
What is the exact pin count for the M2CEC-2125Z-R/Q variant?
- ⤷ Does this part follow the MIL-DTL-83513 military specification?
- ⤷ What are the recommended soldering temperature profiles for this connector?