M2CEC-2150D-R2
AI

The **M2CEC-2150D-R2** is a specialized industrial-grade power and communication module, typically used in embedded computing systems (specifically compatible with Advantech equipment). It serves as a bridge for providing power and additional I/O capabilities.
---
### ## Technical Specifications Overview
The following table summarizes the core electronic characteristics of the module:
| Component / Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 9V ~ 36V DC |
| **Output Interface** | High-density Board-to-Board connector |
| **Form Factor** | Proprietary M2CEC (Modular Expansion) |
| **Operating Temperature** | -40°C ~ 85°C (Industrial Grade) |
| **Protection Circuits** | Over-voltage, Over-current, and Reverse Polarity |
---
### ### Core Electronic Subsystems
#### 1. Power Regulation (DC-DC Conversion)
The primary function of this board is to take a wide-range DC input (often from a vehicle battery or industrial supply) and regulate it into stable voltages required by the mainboard.
* **Filtering:** Uses solid-state capacitors and inductors to reduce EMI (Electromagnetic Interference).
* **Efficiency:** Employs high-efficiency buck-boost converters to minimize heat dissipation.
#### 2. Communication & Control
The "2150D" series often includes signal conditioning for specific communication protocols:
* **CANBus/Serial Support:** Many versions of this module act as a physical layer interface for CAN high/low signals.
* **Isolated I/O:** Features opto-isolators to protect the main CPU from voltage spikes on the external data lines.
#### 3. Protection Logic
To ensure reliability in harsh environments, the PCB includes:
* **TVS Diodes:** For Transient Voltage Suppression against static and surges.
* **Resettable Fuses (PTC):** To prevent board damage during short-circuit events.
---
### ### Example Connection Pinout (General Layout)
While the exact pinout is proprietary to the manufacturer's carrier board, the logic follows this structure:
```cpp
// Conceptual Logic for Power Management on M2CEC
if (input_voltage > 9.0 && input_voltage < 36.0) {
status = POWER_READY;
enable_output_rails();
} else {
trigger_fault_protection();
}
```
- ⤷
What are the compatible carrier boards for the M2CEC-2150D-R2?
- ⤷ Does this module support hardware-level encryption or TPM?
- ⤷ What is the specific MTBF (Mean Time Between Failures) for this electronic part?