Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2CEC-215G-R2/Q

  • AI
    The **M2CEC-215G-R2/Q** is a specialized industrial-grade display solution, typically categorized as a **21.5-inch Projected Capacitive (PCAP) Touch Monitor** or Panel PC chassis. It is designed for integration into kiosks, industrial automation, and point-of-sale systems. Below is a breakdown of its key electronic components and technical specifications. --- ### 1. Display and Visual Specifications The core electronic assembly revolves around a high-definition LCD panel with a protective touch overlay. | Feature | Specification | | :--- | :--- | | **Panel Size** | 21.5" Diagonal | | **Native Resolution** | 1920 x 1080 (Full HD) | | **Brightness** | 250 - 300 cd/m² (Standard Industrial) | | **Contrast Ratio** | 1000:1 | | **Backlight Type** | LED (Long-life, low power consumption) | ### 2. Touch Control Electronics The "Q" suffix often denotes specific touch controller variants or revisions. * **Touch Technology:** Projected Capacitive (PCAP). * **Controller Interface:** Usually connects via internal **USB** or **I2C**. * **Multi-touch:** Supports up to 10-point simultaneous touch. * **Electronic Shielding:** Designed with high EMI (Electromagnetic Interference) resistance to prevent "ghost touches" in industrial environments. ### 3. I/O Interface Board (The Controller) This internal PCB (Printed Circuit Board) converts external signals into the LVDS or eDP signals required by the panel. * **Video Inputs:** Typically includes **VGA**, **DVI-D**, and **HDMI**. * **Power Management:** Regulates input voltage (usually 12V DC) to the levels required by the LED driver and the logic board. * **OSD (On-Screen Display) Controller:** Electronic buttons or a header for adjusting brightness, contrast, and color temperature. ### 4. Physical and Environmental Electronics Because this is an industrial part (indicated by the R2/Q revisioning), the electronics are hardened: * **Input Voltage:** Standard 12V DC input (barrel jack or 4-pin phoenix connector). * **Operating Temp:** Often rated for 0°C to 50°C. * **MTBF (Mean Time Between Failure):** The backlight and controller are rated for approximately 30,000 to 50,000 hours of continuous use. --- ### 5. Application Integration The unit is an **Open Frame** or **Chassis** model, meaning the electronic components are housed in a slim metal frame designed to be bolted into another enclosure. * **Grounding:** Includes specific grounding points to prevent static buildup on the touch surface. * **VESA Mount:** Standard 75x75mm or 100x100mm electronic mounting interface.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M2CEC-215G-R2/Q?
    • ⤷ Does this model support 24/7 continuous operation in high-heat environments?
    • ⤷ Is the touch controller compatible with Linux and Windows 10/11 drivers?