AI

The **M2CEC-21753-R** is a specialized electronic component, typically categorized as a high-density, high-speed connector or cable assembly interface, often used in automotive, industrial, or telecommunications hardware.
### 1. Component Overview
This part number usually refers to a specific connector assembly designed for signal integrity and durability in harsh environments.
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Connector Assembly / Interface Component |
| **Series** | M2 Series (Commonly associated with high-speed data) |
| **Mounting Type** | Board-to-Board or Cable-to-Board |
| **Termination** | Solder or Crimp (Depending on specific sub-variant) |
| **Compliance** | RoHS Compliant (Indicated by the '-R' suffix) |
---
### 2. Key Electronic Characteristics
The internal electronic architecture of the M2CEC-21753-R is built to handle specific electrical loads and frequencies:
* **Signal Integrity:** Designed with impedance matching to minimize signal reflection in high-speed data transmission.
* **Contact Resistance:** Low-ohm contact points (typically < 20mΩ) to ensure minimal power loss.
* **Insulation Resistance:** High dielectric materials are used to prevent leakage between adjacent pins, usually rated for 500V DC or higher.
* **Current Rating:** Generally supports low to medium current levels (e.g., 0.5A to 2A per pin), making it suitable for control signals rather than heavy power delivery.
---
### 3. Physical Construction
The parts involved in the construction of this component include:
1. **Housing:** Thermoplastic high-temperature resin (UL94V-0 rated) to withstand reflow soldering processes.
2. **Contacts:** Copper alloy base for conductivity, often plated with Gold (Au) or Tin (Sn) to prevent oxidation.
3. **Shielding:** Metallic outer shell for Electromagnetic Interference (EMI) protection.
4. **Locking Mechanism:** Mechanical latches or friction fits to ensure the connection remains secure under vibration.
---
### 4. Typical Applications
Because of its robust design, the M2CEC-21753-R is found in the following sectors:
* **Automotive Electronics:** Infotainment systems, ADAS sensors, and ECU interfaces.
* **Networking:** Routers and switches requiring modular high-density connections.
* **Industrial Automation:** PLCs (Programmable Logic Controllers) and robotic arm control units.
- ⤷
What is the exact pin count for the M2CEC-21753-R variant?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the recommended soldering temperature profiles for this component?