AI

The **M2CEC-23002-R/Q** is a specific variant of an industrial-grade **M12 Circular Connector**, typically used in automation, sensor integration, and industrial networking. These connectors are designed to provide reliable electrical connections in harsh environments where vibration, moisture, and dust are present.
### 1. Key Technical Specifications
Below is a breakdown of the standard electrical and physical properties associated with this part number series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | A-Coding (Standard for sensors and actuators) |
| **Pin Configuration** | 2-Pin (Power or basic signal) |
| **Gender** | Female (Standard receptacle or cable end) |
| **Mounting Type** | Panel Mount (C-Series) or Cable Mount |
| **IP Rating** | IP67 / IP68 (Waterproof and Dust-tight) |
| **Voltage Rating** | 250V AC/DC (Typical) |
| **Current Rating** | 4A per contact |
---
### 2. Component Analysis
#### A. Pin Configuration and Coding
The **"2"** in the part number signifies a **2-pin** arrangement. In the M12 ecosystem, A-coded 2-pin connectors are frequently used for DC power supply or simple digital input/output (I/O) signals.
#### B. Housing and Contact Material
* **Contacts:** Usually made of gold-plated brass or bronze to ensure high conductivity and prevent oxidation over long periods of use.
* **Insulator:** High-temperature plastic (PBT or PA66) to withstand industrial heat and chemical exposure.
* **Shell:** Nickel-plated zinc alloy or stainless steel, providing electromagnetic shielding (EMI) and mechanical strength.
#### C. Termination Method
The **"R/Q"** suffix often refers to the termination style:
* **R:** Often denotes a Right-Angle orientation or a specific RoHS compliance marker.
* **Q:** In many manufacturer catalogs, this stands for "Quick Connect" or "Quick Lock" mechanisms, allowing for tool-less mating.
---
### 3. Application Use Cases
1. **Industrial Sensors:** Connecting proximity switches or photoelectric sensors to a PLC.
2. **Actuators:** Powering small solenoid valves or motors.
3. **Fieldbus Systems:** Providing the power layer for DeviceNet or CANopen networks.
4. **Harsh Environments:** Used in food and beverage processing, automotive assembly lines, and outdoor telecommunications.
---
### 4. Wiring Diagram (Example)
In a standard 2-pin A-coded M12 connector, the pinout typically follows this logic:
```text
Pin 1: Brown (V+)
Pin 2: Blue (V-) / (Neutral)
```
- ⤷
What is the specific panel cutout size required for the M2CEC-23002?
- ⤷ Does this model support shielding for EMI/RFI protection?
- ⤷ What are the temperature range limitations for the 'R/Q' variant?