AI

The **M2CEC-23004-R** is a specific technical component part number, typically associated with **M2 series high-speed connectors** used in industrial, automotive, or telecommunications hardware.
---
## 1. Component Overview
This part is a specialized connector interface designed to handle high-frequency data transmission and power distribution. It is often utilized in high-density electronic assemblies where space is limited but signal integrity is paramount.
### Key Specifications
| Feature | Details |
| :--- | :--- |
| **Connector Type** | Board-to-Board / High-Speed Mezzanine |
| **Number of Pins** | Usually indicates a high-density pin count (e.g., 230-pin variant) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Operating Temp** | -40°C to +105°C (Standard Industrial Grade) |
| **Compliance** | RoHS Compliant (indicated by the "-R" suffix) |
---
## 2. Electronic Characteristics
The "M2CEC" series is engineered for specific electrical performance metrics:
* **Signal Integrity:** Optimized for differential pair routing to minimize crosstalk and electromagnetic interference (EMI).
* **Impedance Matching:** Designed to maintain a standard 50-ohm or 100-ohm impedance for high-speed data protocols.
* **Current Rating:** Typically supports low-to-medium current per contact (approx. 0.5A to 1.0A), focused more on signal than raw power.
* **Durability:** Gold-plated contacts to ensure low contact resistance and high mating cycle longevity.
---
## 3. Typical Applications
These parts are commonly found in the following electronic systems:
1. **Telecommunications:** High-speed routers, switches, and base stations.
2. **Embedded Systems:** Connecting "System on Modules" (SoM) to carrier boards.
3. **Automotive Electronics:** Infotainment systems and ADAS (Advanced Driver Assistance Systems) processing units.
4. **Industrial Computing:** PLCs and industrial servers requiring modular upgrades.
---
## 4. Part Number Breakdown (Generalized)
While manufacturers use different naming conventions, the breakdown for this specific part generally follows:
* **M2:** Series designation (High-speed interface).
* **CEC:** Connector category (e.g., Edge Connector or Mezzanine).
* **23004:** Size, pin count, or specific physical configuration.
* **-R:** RoHS compliance (Lead-free manufacturing).
- ⤷
What is the exact pin pitch for the M2CEC series?
- ⤷ Can this connector support PCIe Gen 4 or Gen 5 data rates?
- ⤷ What are the recommended footprint dimensions for PCB layout?